Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37647K9102J060 Datasheet(PDF) 5 Page - EPCOS

Part # B37647K9102J060
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37647K9102J060 Datasheet(HTML) 5 Page - EPCOS

  B37647K9102J060 Datasheet HTML 1Page - EPCOS B37647K9102J060 Datasheet HTML 2Page - EPCOS B37647K9102J060 Datasheet HTML 3Page - EPCOS B37647K9102J060 Datasheet HTML 4Page - EPCOS B37647K9102J060 Datasheet HTML 5Page - EPCOS B37647K9102J060 Datasheet HTML 6Page - EPCOS B37647K9102J060 Datasheet HTML 7Page - EPCOS B37647K9102J060 Datasheet HTML 8Page - EPCOS B37647K9102J060 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Multilayer Ceramic Capacitors
146 10/02
HC1
Product range chip capacitors
HC1
Size1)
inch
mm
0402
1005
0603
1608
0805
2012
Type
B37627
B37637
B37647
16
16
16
270, pF
330, pF
470, pF
680, pF
1,0 nF
1,5 nF
2,2 nF
2,7 nF
3,3 nF
4,7 nF
6,8 nF
10, nF
15, nF
22, nF
33, nF
1) l
´ b (inch) / l ´ b (mm)
VR (VDC)
CR
Production ramp up end of 2003, all capacitance values on request.
HC1


Similar Part No. - B37647K9102J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37641K7475K62 EPCOS-B37641K7475K62 Datasheet
211Kb / 13P
   Multilayer Ceramic Capacitors HighCap; X5R and X7R
More results

Similar Description - B37647K9102J060

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com