Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43566B4158Q000 Datasheet(PDF) 3 Page - EPCOS

Part # B43566B4158Q000
Description  Long-life grade capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43566B4158Q000 Datasheet(HTML) 3 Page - EPCOS

  B43566B4158Q000 Datasheet HTML 1Page - EPCOS B43566B4158Q000 Datasheet HTML 2Page - EPCOS B43566B4158Q000 Datasheet HTML 3Page - EPCOS B43566B4158Q000 Datasheet HTML 4Page - EPCOS B43566B4158Q000 Datasheet HTML 5Page - EPCOS B43566B4158Q000 Datasheet HTML 6Page - EPCOS B43566B4158Q000 Datasheet HTML 7Page - EPCOS B43566B4158Q000 Datasheet HTML 8Page - EPCOS B43566B4158Q000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
144 10/02
KAL0567-B
Extended Useful Life 85 °C
B43566 / B43586
Dimensional drawings
Type B43566
Type B43586
Ring clip/clamp mounting
Threaded stud mounting
Positive pole marking:
+
The base of all types with threaded stud and
d = 91 mm is fully insulated (the lengths l and l1 are
increased by 0,5 mm in these cases). For types with threaded stud and
d
≤ 76 mm the base is not
insulated. Also refer to the notes on mounting given on page 168.
Dimensions and weights
Dimensions are also valid for 2-pad solution and low-inductance design.
Packing
For ecological reasons the packing is pure cardboard.
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
wt. (g)
dI
± 1
I1 ± 1
I2
+ 0
l3
d1
d2 max d3 max a
+ 0,2
– 1
– 0,4
M 5
M 5
51,6+ 0/– 0,8
51,6+ 0/– 0,8
80,7
105,7
87,2
112,2
17
17
7,0+ 0,2/– 1
7,0+ 0,2/– 1
M 12
M 12
8,2
8,2
13,5
13,5
22,2
22,2
220
280
M 5
64,3+ 0/– 0,8 105,7
112,2
17
7,0+ 0,2/– 1
M 12 8,2
13,5
28,5
440
M 6
M 6
M 6
76,9+ 0/– 0,7
76,9+ 0/– 0,7
76,9+ 0/– 0,7
105,7
143,2
220,7
111,5
149,0
226,5
17
17
17
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
M 12
M 12
M 12
17,7
17,7
17,7
17,7
17,7
17,7
31,7
31,7
31,7
540
840
1300
M 6
91,0+ 0/– 2
144,5
149,8
17
6,4+ 1,1/– 0,8 M 12 17,7
17,7
31,7
1200
Capacitor diameter
d
Packing units (pieces)
51,6 mm
64,3 mm
76,9 mm
91,0 mm
22
15
12
8
M5: min. reach of screw = 8 mm
M6: min. reach of screw = 12 mm*)
*) 8 mm for low-inductance design


Similar Part No. - B43566B4158Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
B43560 EPCOS-B43560 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43560A4109M000 EPCOS-B43560A4109M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43560A4159M000 EPCOS-B43560A4159M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43560A4278M000 EPCOS-B43560A4278M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
More results

Similar Description - B43566B4158Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com