Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72580T6750K072 Datasheet(PDF) 3 Page - EPCOS

Part # B72580T6750K072
Description  Multilayer technology MLV; Telecom Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580T6750K072 Datasheet(HTML) 3 Page - EPCOS

  B72580T6750K072 Datasheet HTML 1Page - EPCOS B72580T6750K072 Datasheet HTML 2Page - EPCOS B72580T6750K072 Datasheet HTML 3Page - EPCOS B72580T6750K072 Datasheet HTML 4Page - EPCOS B72580T6750K072 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
141 04/02
Notes
I In addition to the telecom varistors listed above, all varistors of the standard series can be used
for telecom applications if the selection criteria are considered.
I These telecom varistors in multilayer technology are not suitable for the operation on AC mains.
1) The test circuit according to figure 44 in chapter “Applications” yields a surge current amplitude of approx. 45 A.
Maximum ratings
Type
SIOV-
Ordering code
VRMS
V
VDC
V
i (10
´)
10/700
ms
A1)
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
CN1812S60AG2
B72580V0600S172
60
85
45
400
2,2
0,015
CN1812K75TELEG2
B72580V6750K072
75
100
45
400
2,5
0,015
CN1812S95AG2
B72580V0950S172
95
125
45
250
2,8
0,015
CN1812K115TELEG2 B72580V6111K072
115
150
45
250
3,2
0,015
CN1812K130TELEG2 B72580V6131K072
130
170
45
250
3,5
0,015
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A1)
CN1812S60AG2
100
+ 19/– 1
200
45
400
243
273
CN1812K75TELEG2
120
± 10
250
45
320
243
273
CN1812S95AG2
150
+ 20/0
270
45
250
243
273
CN1812K115TELEG2 180
± 10
360
45
200
243
273
CN1812K130TELEG2 205
± 10
420
45
200
243
273
Telecom – Silver Palladium Termination
SMD Varistors


Similar Part No. - B72580T6750K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72580T0040M062 EPCOS-B72580T0040M062 Datasheet
129Kb / 15P
   Multilayer technology
B72580T0040M062 EPCOS-B72580T0040M062 Datasheet
137Kb / 16P
   SMD Varistors
B72580T0040M062 EPCOS-B72580T0040M062 Datasheet
131Kb / 15P
   SMD Varistors
B72580T0040M062 EPCOS-B72580T0040M062 Datasheet
1Mb / 83P
   Ceramic transient voltage suppressors
B72580T0040M062 EPCOS-B72580T0040M062 Datasheet
131Kb / 15P
   SMD Varistors
More results

Similar Description - B72580T6750K072

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
MLV-015D-E1BS-N ASC-MLV-015D-E1BS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-030D-E1BS-N ASC-MLV-030D-E1BS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-L10D-E1NS-N ASC-MLV-L10D-E1NS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
DS-02743 ASC-DS-02743 Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-L05D-E1NS-N ASC-MLV-L05D-E1NS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-L30D-E1NS-N ASC-MLV-L30D-E1NS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
logo
AVX Corporation
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA Datasheet
435Kb / 10P
   Glass Encapsulated SMD Varistor MLV
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
logo
AVX Corporation
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
   Glass Encapsulated SMD Varistor MLV
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com