Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5414 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5414
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5414 Datasheet HTML 6Page - Texas Instruments TAS5414 Datasheet HTML 7Page - Texas Instruments TAS5414 Datasheet HTML 8Page - Texas Instruments TAS5414 Datasheet HTML 9Page - Texas Instruments TAS5414 Datasheet HTML 10Page - Texas Instruments TAS5414 Datasheet HTML 11Page - Texas Instruments TAS5414 Datasheet HTML 12Page - Texas Instruments TAS5414 Datasheet HTML 13Page - Texas Instruments TAS5414 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
www.ti.com
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Test conditions (unless otherwise noted): T
Case = 25°C, PVDD = 14.4 V, RL = 4 Ω, fS = 417 kHz, Rext = 20 kΩ, master mode
operation (see application diagram)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLIP_OTW signal delay when output
tDELAY_CLIPDET
20
µs
clipping detected
FAULT REPORT
FAULT pin output voltage for logic-level
VOH_FAULT
2.4
high (open-drain logic output)
External 47-k
Ω pullup resistor to 3 V–5.5 V
V
FAULT pin output voltage for logic-level low
VOL_FAULT
0.5
(open-drain logic output)
OPEN/SHORT DIAGNOSTICS
Maximum resistance to detect a short from
RS2P, RS2G
200
OUT pin(s) to PVDD or ground
Minimum load resistance to detect open
ROPEN_LOAD
Including speaker wires
300
800
1300
circuit
Maximum load resistance to detect short
RSHORTED_LOAD
Including speaker wires
0.5
1
1.5
circuit
I2C ADDRESS DECODER
tLATCH_I2CADDR
300
µs
Time delay to latch I2C address after POR
Voltage on I2C_ADDR pin for address 0
Connect to SGND
0%
0%
15%
Voltage on I2C_ADDR pin for address 1
25%
35%
45%
External resistors in series between D_BYP and SGND
VI2C_ADDR
VD_BYP
as a voltage divider
Voltage on I2C_ADDR pin for address 2
55%
65%
75%
Voltage on I2C_ADDR pin for address 3
Connect to D_BYP
85%
100%
100%
I2C
Power-on hold time before I2C
tHOLD_I2C
STANDBY high
1
ms
communication
fSCL
SCL clock frequency
100
kHz
VIH_SCL
SCL pin input voltage for logic-level high
2.1
5.5
V
RPU_I2C = 5-kΩ pullup, supply voltage = 3.3 V or 5 V
VIL_SCL
SCL pin input voltage for logic-level low
–0.5
1.1
V
I2C read, RI2C = 5-kΩ pullup,
VOH_SDA
SDA pin output voltage for logic-level high
2.4
V
supply voltage = 3.3 V or 5 V
VOL_SDA
SDA pin output voltage for logic-level low
0
0.4
V
I2C read, 3-mA sink current
I2C write, RI2C = 5-kΩ pullup,
VIH_SDA
SDA pin input voltage for logic-level high
2.1
5.5
V
supply voltage = 3.3 V or 5 V
I2C write, RI2C = 5-kΩ pullup,
VIL_SDA
SDA pin input voltage for logic-level low
–0.5
1.1
V
supply voltage = 3.3 V or 5 V
Ci
Capacitance for SCL and SDA pins
10
pF
OSCILLATOR
OSC_SYNC pin output voltage for
VOH_OSCSYNC
2.4
3.6
V
logic-level high
I2C_ADDR pin set to MASTER mode
OSC_SYNC pin output voltage for
VOL_OSCSYNC
0.5
V
logic-level low
OSC_SYNC pin input voltage for logic-level
VIH_OSCSYNC
2
3.6
V
high
I2C_ADDR pin set to SLAVE mode
OSC_SYNC pin input voltage for logic-level
VIL_OSCSYNC
0.8
V
low
I2C_ADDR pin set to MASTER mode, fS = 500 kHz,
3.76
4.0
4.24
maximum capacitive loading = 5 pF
I2C_ADDR pin set to MASTER mode, fS = 417 kHz,
fOSC_SYNC
OSC_SYNC pin clock frequency
3.13
3.33
3.63
MHz
maximum capacitive loading = 5 pF
I2C_ADDR pin set to MASTER mode, fS = 357 kHz,
2.68
2.85
3.0
maximum capacitive loading = 5 pF
10
Submit Documentation Feedback


Similar Part No. - TAS5414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI1-TAS5414A Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com