Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH16S64APHB-8 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MH16S64APHB-8
Description  1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)Synchronous DRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16S64APHB-8 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MH16S64APHB-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16S64APHB-8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
MH16S64APHB -6,-7,-8
1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)Synchronous DRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
17.Mar.2000
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0377-0.1
3
Block Diagram
CK0
Vcc
Vss
D0 - D7
D0 - D7
/S0
/S2
DQMB0
DQMB4
DQMB1
DQMB5
DQMB2
DQMB6
DQMB3
DQMB7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
CKE0
D0 - D7
/RAS
D0 - D7
/CAS
D0 - D7
/WE
D0 - D7
BA0,BA1,A<11:0>
D0 - D7
CK2
CK1
4SDRAMs+3.3pF cap.
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D0
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D1
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D4
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D5
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D2
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D6
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
DQM /CS
D7
I/O 4
I/O 5
I/O 6
I/O 7
SA0 SA1 SA2
SERIAL PD
SCL
SDA
A0
A1
A2
WP
47K
CK3
4SDRAMs+3.3pF cap.


Similar Part No. - MH16S64APHB-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64APFC-7 MITSUBISHI-MH16S64APFC-7 Datasheet
676Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64APFC-7L MITSUBISHI-MH16S64APFC-7L Datasheet
676Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64APFC-8 MITSUBISHI-MH16S64APFC-8 Datasheet
676Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64APFC-8L MITSUBISHI-MH16S64APFC-8L Datasheet
676Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH16S64APHB-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64APFC-7 MITSUBISHI-MH16S64APFC-7 Datasheet
676Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
MH16D64AKQC-75 MITSUBISHI-MH16D64AKQC-75 Datasheet
329Kb / 37P
   1,073,741,824-BIT (16,777,216-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH16S64BAMD-6 MITSUBISHI-MH16S64BAMD-6 Datasheet
579Kb / 40P
   1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH16S64PHB-6 MITSUBISHI-MH16S64PHB-6 Datasheet
572Kb / 40P
   1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
logo
Toshiba Semiconductor
THMY641661BEG TOSHIBA-THMY641661BEG Datasheet
642Kb / 13P
   16,777,216-WORD BY 64-BIT SYNCHRONOUS DRAM MODULE
logo
Mitsubishi Electric Sem...
MH16S72APHB-6 MITSUBISHI-MH16S72APHB-6 Datasheet
691Kb / 55P
   1,207,959,552-BIT (16,777,216 - WORD BY 72-BIT)Synchronous DRAM
logo
Toshiba Semiconductor
THMY721661BEG TOSHIBA-THMY721661BEG Datasheet
650Kb / 13P
   16,777,216-WORD BY 72-BIT SYNCHRONOUS DRAM MODULE
logo
Mitsubishi Electric Sem...
MH8S64DALD-6 MITSUBISHI-MH8S64DALD-6 Datasheet
699Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)Synchronous DRAM
MH16S64DAMD-6 MITSUBISHI-MH16S64DAMD-6 Datasheet
714Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)Synchronous DRAM
MH32S64APHB-6 MITSUBISHI-MH32S64APHB-6 Datasheet
699Kb / 55P
   2,147,483,648-BIT (33,554,432 - WORD BY 64-BIT)Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com