Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78E052C40PL Datasheet(PDF) 10 Page - Winbond

Part # W78E052C40PL
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E052C40PL Datasheet(HTML) 10 Page - Winbond

Back Button W78E052C40PL Datasheet HTML 6Page - Winbond W78E052C40PL Datasheet HTML 7Page - Winbond W78E052C40PL Datasheet HTML 8Page - Winbond W78E052C40PL Datasheet HTML 9Page - Winbond W78E052C40PL Datasheet HTML 10Page - Winbond W78E052C40PL Datasheet HTML 11Page - Winbond W78E052C40PL Datasheet HTML 12Page - Winbond W78E052C40PL Datasheet HTML 13Page - Winbond W78E052C40PL Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
W78E52C/W78E052C
- 10 -
6. SECURITY BITS
During the on-chip Flash EPROM operation mode, the ROM can be programmed and verified
repeatedly. Until the code inside the ROM is confirmed OK, the code can be protected. The protection
of ROM and those operations on it are described below.
The W78E052C has a Security Register which can not be accessed in normal mode. These registers
can only be accessed from the Flash EPROM operation mode. Those bits of the Security Register can
not be changed once they have been programmed from high to low. They can only be reset through
erase-all operation. The Security Register is addressed in the Flash EPROM operation mode by
address #0FFFFh.
B0
B1
B0 : Lock bit, logic 0 : active
B1 : MOVC inhibit,
logic 0 : the MOVC instruction in external memory
cannot access the code in internal memory.
logic 1 : no restriction.
Default 1 for all security bits.
Special Setting Register
Security Bits
8KB On-chip ROM
Program Memory
Reserved
Security Register
0FFFFh
0000h
1FFFh
Reserved
B2
B2 : Encryption
logic 0 : the encryption logic enable
logic 1 : the encryption logic disable
Reserved bits must be kept in logic 1.
B7
B7 : Osillator Control
logic 0 : 1/2 gain
logic 1 : Full gain
6.1 Lock Bit
This bit is used to protect the customer's program code in the W78E052C. It may be set after the
programmer finishes the programming and verifies sequence. Once this bit is set to logic 0, both the
ROM data and Special Setting Register can not be accessed again.
6.2 MOVC Inhibit
This bit is used to restrict the accessible region of the MOVC instruction. It can prevent the MOVC
instruction in external program memory from reading the internal program code. When this bit is set to
logic 0, a MOVC instruction in external program memory space will be able to access code only in the
external memory, not in the internal memory. A MOVC instruction in internal program memory space
will always be able to access the ROM data in both internal and external memory. If this bit is logic 1,
there are no restrictions on the MOVC instruction.
6.3 Encryption
This bit is used to enable/disable the encryption logic for code protection. Once encryption feature is
enabled, the data presented on port 0 will be encoded via encryption logic. Only whole chip erase will
reset this bit.


Similar Part No. - W78E052C40PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E052C WINBOND-W78E052C Datasheet
223Kb / 22P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E052C40PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com