Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC29IRGZRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV320AIC29IRGZRG4
Description  STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC29IRGZRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC29IRGZRG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 9Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 10Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 11Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 12Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 13Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 14Page - Texas Instruments TLV320AIC29IRGZRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
TLV320AIC29
SLAS494A − DECEMBER 2005 − REVISED JANUARY 2006
www.ti.com
11
SPI TIMING DIAGRAM
t
td
S
S
S
S
S
S
S
E
L
ta
MSB OUT
BIT 6 .. .1
LSB OUT
t
sck
tLead
tLag
twsck
twsck
tr
tf
tv
tho
tdis
MSB IN
BIT 6 .. .1
LSB IN
thi
tsu
/SS
SPISELZ
SCLK
SPISELZ
SPICLK
MISO
SPISELZ
MOSI
SPISELZ
TYPICAL TIMING REQUIREMENTS
All specifications typical at 25
°C, DVDD = 1.8 V(1)
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
twsck
SCLK Pulse width
30
18
ns
tLead
Enable Lead Time
18
15
ns
tLag
Enable Lag Time
18
15
ns
ttd
Sequential Transfer Delay
18
15
ns
ta
Slave MISO access time
18
15
ns
tdis
Slave MISO disable time
18
15
ns
tsu
MOSI data setup time
6
6
ns
thi
MOSI data hold time
6
6
ns
tho
MISO data hold time
4
4
ns
tv
MISO data valid time
25
13
ns
tr
Rise Time
6
4
ns
tf
Fall Time
6
4
ns
(1) These parameters are based on characterization and are not tested in production.


Similar Part No. - TLV320AIC29IRGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29IRGZRG4 TI-TLV320AIC29IRGZRG4 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC29IRGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com