Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC32 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TLV320AIC32
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC32 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button TLV320AIC32_07 Datasheet HTML 4Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 5Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 6Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 7Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 8Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 9Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 10Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 11Page - Burr-Brown (TI) TLV320AIC32_07 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
www.ti.com
AUDIO DATA SERIAL INTERFACE TIMING DIAGRAM
WCLK
SDOUT
BCLK
SDIN
td(WS)
td(DO-WS)
td(DO-BCLK)
ts(DI)
th(DI)
TIMING CHARACTERISTICS
(1)
WCLK
SDOUT
BCLK
SDIN
td(WS)
td(WS)
td(DO-BCLK)
ts(DI)
th(DI)
TLV320AIC32
SLAS479B – AUGUST 2005 – REVISED AUGUST 2006
Figure 2. I2S/LJF/RJF Timing in Master Mode
All specifications typical at 25
°C, DVDD = 1.8 V
IOVDD = 1.1 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
td (WS)
ADWS/WCLK delay time
50
15
ns
td (DO-WS)
ADWS/WCLK to DOUT delay time
50
20
ns
td
BCLK to DOUT delay time
50
15
ns
(DO-BCLK)
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
30
10
ns
tf
Fall time
30
10
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
Figure 3. DSP Timing in Master Mode
8
Submit Documentation Feedback


Similar Part No. - TLV320AIC32_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3204 TI1-TLV320AIC3204 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 53P
[Old version datasheet]   This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
More results

Similar Description - TLV320AIC32_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com