Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT147E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT147E
Description  High-Speed CMOS Logic 10- to 4-Line Priority Encoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT147E Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT147E Datasheet HTML 1Page - Texas Instruments CD74HCT147E Datasheet HTML 2Page - Texas Instruments CD74HCT147E Datasheet HTML 3Page - Texas Instruments CD74HCT147E Datasheet HTML 4Page - Texas Instruments CD74HCT147E Datasheet HTML 5Page - Texas Instruments CD74HCT147E Datasheet HTML 6Page - Texas Instruments CD74HCT147E Datasheet HTML 7Page - Texas Instruments CD74HCT147E Datasheet HTML 8Page - Texas Instruments CD74HCT147E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS149F
Features
• Buffered Inputs and Outputs
• Typical Propagation Delay: 13ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC147 and CD74HCT147 are high speed silicon-gate
CMOS devices and are pin-compatible with low power
Schottky TTL (LSTTL).
The ’HC147 and CD74HCT147 9-input priority encoders
accept data from nine active LOW inputs (l1 to l9) and
provide binary representation on the four active LOW inputs
(Y0 to Y3). A priority is assigned to each input so that when
two or more inputs are simultaneously active, the input with
the highest priority is represented on the output, with input
line l9 having the highest priority.
These devices provide the 10-line to 4-line priority encoding
function by use of the implied decimal “zero”. The “zero” is
encoded when all nine data inputs are HIGH, forcing all four
outputs HIGH.
Pinout
CD54HC147 (CERDIP)
CD74HC147 (PDIP, SOIC, SOP, TSSOP)
CD74HCT147 (PDIP, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC147F3A
-55 to 125
16 Ld CERDIP
CD74HC147E
-55 to 125
16 Ld PDIP
CD74HC147M
-55 to 125
16 Ld SOIC
CD74HC147MT
-55 to 125
16 Ld SOIC
CD74HC147M96
-55 to 125
16 Ld SOIC
CD74HC147NSR
-55 to 125
16 Ld SOP
CD74HC147PW
-55 to 125
16 Ld TSSOP
CD74HC147PWR
-55 to 125
16 Ld TSSOP
CD74HC147PWT
-55 to 125
16 Ld TSSOP
CD74HCT147E
-55 to 125
16 Ld PDIP
NOTE: When ordering, use the entire part number. The suffixes
96 and R denote tape and reel. The suffix T denotes a
small-quantity reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
I4
I5
I6
I7
I8
Y2
GND
Y1
VCC
Y3
I3
I2
I1
I9
Y0
NC
September 1997 - Revised November 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC147, CD74HC147,
CD74HCT147
High-Speed CMOS Logic
10- to 4-Line Priority Encoder
[ /Title
(CD74
HC147
,
CD74
HCT14
7)
/Sub-
ject
(High
Speed
CMOS
Logic
10-to-4
Line
Prior-
ity
Encode
r)
/Autho
r ()
/Key-
words
(High
Speed
CMOS
Logic
10-to-4
Line
Prior-
ity
Encode
r, High
Speed
CMOS
Logic
10-to-4
Line
Prior-
ity


Similar Part No. - CD74HCT147E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT147E TI-CD74HCT147E Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 10-to-4 Line Priority Encoder
CD74HCT147E TI-CD74HCT147E Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HCT147E TI-CD74HCT147E Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HCT147E TI-CD74HCT147E Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HCT147EE4 TI-CD74HCT147EE4 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
More results

Similar Description - CD74HCT147E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC147 TI-CD54HC147_08 Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147 TI-CD74HC147 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 10-to-4 Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com