Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC22 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV320AIC22
Description  DUAL VOIP CODEC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC22 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC22 Datasheet HTML 5Page - Texas Instruments TLV320AIC22 Datasheet HTML 6Page - Texas Instruments TLV320AIC22 Datasheet HTML 7Page - Texas Instruments TLV320AIC22 Datasheet HTML 8Page - Texas Instruments TLV320AIC22 Datasheet HTML 9Page - Texas Instruments TLV320AIC22 Datasheet HTML 10Page - Texas Instruments TLV320AIC22 Datasheet HTML 11Page - Texas Instruments TLV320AIC22 Datasheet HTML 12Page - Texas Instruments TLV320AIC22 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
TLV320AIC22
DUAL VOIP CODEC
SLAS281B – JULY 2000 – REVISED JUNE 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ADC dynamic performance characteristics (see Note 5 and Note 8) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD
–68
VI = –9 dBr, PGA gain = 0 dB, Sampling rate = 8 kHz
SNR
–66
dB
ADC dynamic performance with
THD+N
–65
y
caller ID input selected
THD
–45
VI = –40 dBr, PGA gain = 0 dB, Sampling rate = 8 kHz
SNR
–40
dB
THD+N
–38
V
3 dB PGA
i
0 dB P
i
0 dB
THD
–72
VI = –3 dBr, PGA gain = 0 dB, Preamp gain = 0 dB
Sampling rate = 16 kHz
SNR
–70
dB
Sam ling rate = 16 kHz
THD+N
–68
ADC d
i
f
ith
V
9 dB PGA
i
0 dB P
i
0 dB
THD
–72
ADC dynamic performance with
handset or headset selected
VI = –9 dBr, PGA gain = 0 dB, Preamp gain = 0 dB
Sampling rate = 16 kHz
SNR
–70
dB
handset or headset selected
Sam ling rate = 16 kHz
THD+N
–68
V
40 dB PGA
i
0 dB P
i
0 dB
THD
–50
VI = –40 dBr, PGA gain = 0 dB, Preamp gain = 0 dB
Sampling rate = 16 kHz
SNR
–42
dB
Sam ling rate = 16 kHz
THD+N
–40
NOTES:
5. The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test signal is a sine wave
with 0 dBr = 4 VI(PP) differential as the reference level for ADC analog input signal.
8. The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output common mode is 1.5 V.
ADC characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(PP)
Peak-input voltage, differential
Preamp gain = 0 dB
4
V
Dynamic range
82
dB
Intrachannel isolation (measured at ADC output)
HSIN is selected for ADC input.
Ground the input to the ADC;
full-scale input applied to DAC.
85
dB
EG
Gain error (valid for HSIN, HDIN, and MCIN)
VI = 1 dB at 1020 kHz
–1
1
dB
EG
Gain error (valid for LNIN)
VI = –1 dB at 1020 kHz
±2.5
dB
EO(ADC) ADC channel offset error
HSIN selected for ADC input,
preamp gain = 14 dB, 0-V
differential input signal, inputs
are ac coupled
50
mV
CMRR
Common-mode rejection ratio
HSIN selected for ADC input,
preamp gain = 14 dB, 0-V
differential input signal, common
mode signal of –10 dB applied
50
65
dB
Idle channel noise
HSIN selected for ADC input,
preamp gain = 14 dB, 0-V
differential input signal, inputs
are ac coupled
30
75
µV rms
Channel delay (high-pass filter bypassed)
14/fs
s


Similar Part No. - TLV320AIC22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
[Old version datasheet]   DUAL VOIP CODEC
TLV320AIC22C TI-TLV320AIC22C Datasheet
704Kb / 52P
[Old version datasheet]   DUAL VOICE OVER INTERNET PROTOCOL CODEC
TLV320AIC22CPT TI-TLV320AIC22CPT Datasheet
704Kb / 52P
[Old version datasheet]   DUAL VOICE OVER INTERNET PROTOCOL CODEC
TLV320AIC22CPT TI1-TLV320AIC22CPT Datasheet
1Mb / 55P
[Old version datasheet]   DUAL VOICE OVER INTERNET PROTOCOL (Volp) CODEC
TLV320AIC22CPTR TI1-TLV320AIC22CPTR Datasheet
1Mb / 55P
[Old version datasheet]   DUAL VOICE OVER INTERNET PROTOCOL (Volp) CODEC
More results

Similar Description - TLV320AIC22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
[Old version datasheet]   DUAL VOIP CODEC
logo
OKI electronic componet...
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
   VoIP CODEC
ML7074-004 OKI-ML7074-004 Datasheet
304Kb / 29P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7204-003 LAPIS-ML7204-003 Datasheet
2Mb / 214P
   VoIP CODEC
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
logo
OKI electronic componet...
ML7074-003 OKI-ML7074-003 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7074-003 LAPIS-ML7074-003 Datasheet
660Kb / 93P
   VoIP CODEC
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
OKI electronic componet...
ML7204-001 OKI-ML7204-001 Datasheet
792Kb / 42P
   The ML7204-001 is a speech CODEC for VoIP.
logo
XFMRS Inc.
XFVOIP-XX XFMRS-XFVOIP-XX Datasheet
152Kb / 2P
   10 / 100 DUAL VOIP MAGNETIC MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com