Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA114ET Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA114ET
Description  PNP resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA114ET Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA114ET Datasheet HTML 1Page - NXP Semiconductors PDTA114ET Datasheet HTML 2Page - NXP Semiconductors PDTA114ET Datasheet HTML 3Page - NXP Semiconductors PDTA114ET Datasheet HTML 4Page - NXP Semiconductors PDTA114ET Datasheet HTML 5Page - NXP Semiconductors PDTA114ET Datasheet HTML 6Page - NXP Semiconductors PDTA114ET Datasheet HTML 7Page - NXP Semiconductors PDTA114ET Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 13
4
Philips Semiconductors
Product specification
PNP resistor-equipped transistor
PDTA114ET
Fig.3
DC current gain as a function of collector
current; typical values.
VCE = −5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
MBK780
−10−1
−1
−10
−102
IC (mA)
hFE
103
10
102
1
(1)
(2)
(3)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
MBK779
−1
−10
−102
−1
(2)
(3)
(1)
−10−1
−10−2
IC (mA)
VCEsat
(V)
Fig.5
Input-off voltage as a function of collector
current; typical values.
VCE = −5V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
−10
(2)
(3)
(1)
−1
−10−1
MBK782
−10−2
−10−1
−1
−10
IC (mA)
Vi(off)
(V)
Fig.6
Input-on voltage as a function of collector
current; typical values.
VCE = −0.3 V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
−102
−1
−10
−10−1
MBK781
−10−1
−1
−10
−102
IC (mA)
(1) (2) (3)
Vi(on)
(V)


Similar Part No. - PDTA114ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114ET PHILIPS-PDTA114ET Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA114ET NXP-PDTA114ET Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA114ET NEXPERIA-PDTA114ET Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
PDTA114ET-Q NEXPERIA-PDTA114ET-Q Datasheet
228Kb / 11P
   50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
More results

Similar Description - PDTA114ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
PDTA143EE PHILIPS-PDTA143EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA143ZT PHILIPS-PDTA143ZT Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA124ET PHILIPS-PDTA124ET Datasheet
56Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124EU PHILIPS-PDTA124EU Datasheet
53Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA144EU PHILIPS-PDTA144EU Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 15
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com