Part Name
         Description
FMMTL619_05

 SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR ( 3 Page)


ZETEX
100% 
Zoom Out Zoom In
   
 2 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
100
210
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
50
70
V
IC=5mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
58.5
V
IE=100µA
Collector Cut-Off Current ICBO
10
nA
VCB=40V
Emitter Cut-Off Current
IEBO
10
nA
VEB=4V
Collector Cut-Off Current ICES
10
nA
VCE=40V
Collector-Emitter
Saturation Voltage
VCE(sat)
24
60
100
195
45
100
180
330
mV
mV
mV
mV
IC=100mA, IB=10mA*
IC=250mA, IB=10mA*
IC=500mA, IB=25mA*
IC=1.25A, IB=125mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1020
1100
mV
IC=1.25A, IB=125mA*
Base-Emitter
Turn On Voltage
VBE(on)
895
1000
mV
IC=1.25A, VCE=2V*
Static Forward
Current Transfer Ratio
hFE
200
300
200
100
30
400
450
400
230
50
IC=10mA, VCE=5V
IC=200mA, VCE=5V*
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
180
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
6
8
pF
VCB=10V, f=1MHz
Switching times
ton
toff
182
379
ns
ns
IC=1A, VCC=10V
IB1=-IB2=10mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FMMTL619



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
FXT690BNPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
BSV52SOT23 NPN SILICON PLANAR HIGH SPEED WITCHING TRANSISTOR 1 Zetex Semiconductors
FXT601BNPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR 1 Zetex Semiconductors
FXT614NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR 1 Zetex Semiconductors
FMMT555_03SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR 1 2 Zetex Semiconductors
FXT653NPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1 Zetex Semiconductors
FMMTA05SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS 1 Zetex Semiconductors
NE678M04MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR 1 2 3 4 5 MoreCalifornia Eastern Labs
FZT491ASOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1 Zetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl