Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72520T0140K062 Datasheet(PDF) 11 Page - EPCOS

Part # B72520T0140K062
Description  Multilayer technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72520T0140K062 Datasheet(HTML) 11 Page - EPCOS

Back Button B72520T0140K062 Datasheet HTML 7Page - EPCOS B72520T0140K062 Datasheet HTML 8Page - EPCOS B72520T0140K062 Datasheet HTML 9Page - EPCOS B72520T0140K062 Datasheet HTML 10Page - EPCOS B72520T0140K062 Datasheet HTML 11Page - EPCOS B72520T0140K062 Datasheet HTML 12Page - EPCOS B72520T0140K062 Datasheet HTML 13Page - EPCOS B72520T0140K062 Datasheet HTML 14Page - EPCOS B72520T0140K062 Datasheet HTML 15Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
127 04/02
CN0603K17G
27
± 10
46
1,0
100
1,0
238
266
CN0603K17LCG 27
± 10
50
1,0
< 50
1,0
237
266
CN0805K17G
27
± 10
46
1,0
400
1,5
239
267
CN0805K17LCG 27
+22/–81)
50
1,0
< 100
1,0
238
267
CN1206K17G
27
± 10
44
1,0
650
1,8
240
268
CN1210K17G
27
± 10
44
2,5
1800
1,8
242
269
CN1812K17G
27
± 10
44
5,0
4000
2,5
244
270
CN2220K17G
27
± 10
44
10,0
9000
3,0
245
271
CN0603K20G
33
± 10
56
1,0
90
1,0
238
266
CN0805K20G
33
± 10
56
1,0
300
1,5
239
267
CN1206K20G
33
± 10
54
1,0
600
1,8
240
268
CN1210K20G
33
± 10
54
2,5
1500
1,8
242
269
CN1812K20G
33
± 10
54
5,0
3000
2,5
244
270
CN2220K20G
33
± 10
54
10,0
7000
3,0
245
271
CN0603K25G
39
± 10
67
1,0
902)
1,0
238
266
CN0805K25G
39
± 10
67
1,0
250
1,5
239
267
CN1206K25G
39
± 10
65
1,0
550
1,8
240
268
CN1210K25G
39
± 10
65
2,5
1200
1,8
241
269
CN1812K25G
39
± 10
65
5,0
2500
2,5
244
270
CN2220K25G
39
± 10
65
10,0
5000
3,0
245
271
CN0805K30G
47
± 10
77
1,0
200
1,0
239
267
CN1206K30G
47
± 10
77
1,0
500
1,8
240
268
CN1210K30G
47
± 10
77
2,5
1000
1,8
241
269
CN1812K30G
47
± 10
77
5,0
2000
2,5
244
270
CN2220K30G
47
± 10
77
10,0
4000
3,0
245
271
CN1206K35G
56
± 10
90
1,0
200
1,8
238
268
CN1210K35G
56
± 10
90
2,5
600
1,8
241
269
CN1812K35G
56
± 10
90
5,0
1200
2,5
242
270
CN2220K35G
56
± 10
90
10,0
2500
3,0
245
271
CN1206K40G
68
± 10
110
1,0
250
1,8
238
268
CN1210K40G
68
± 10
110
2,5
500
1,8
241
269
CN1812K40G
68
± 10
110
5,0
1000
2,5
242
270
CN2220K40G
68
± 10
110
10,0
2000
3,0
245
271
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Ltyp
nH
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
1) C (1 MHz);
± 20%;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Silver Palladium Termination (0402: Silver Platinum)
SMD Varistors
1) Tolerance differs from standard;
2) Ctyp (1 MHz)


Similar Part No. - B72520T0140K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520T0140K062 EPCOS-B72520T0140K062 Datasheet
1Mb / 67P
   Ceramic transient voltage suppressors
B72520T0140K062 EPCOS-B72520T0140K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72520T0140K062 EPCOS-B72520T0140K062 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72520T0140K062 EPCOS-B72520T0140K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72520T0140K062 EPCOS-B72520T0140K062 Datasheet
137Kb / 16P
   SMD Varistors
More results

Similar Description - B72520T0140K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500T1140S260 EPCOS-B72500T1140S260 Datasheet
94Kb / 5P
   Multilayer technology
B72580T0600S172 EPCOS-B72580T0600S172 Datasheet
91Kb / 5P
   Multilayer technology MLV; Telecom Series
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
   GenarafionV Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
   AutoBaud Technology
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
   CMOSens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com