Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37830 Datasheet(PDF) 5 Page - EPCOS

Part # B37830
Description  Multilayer Ceramic Capacitors Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37830 Datasheet(HTML) 5 Page - EPCOS

  B37830 Datasheet HTML 1Page - EPCOS B37830 Datasheet HTML 2Page - EPCOS B37830 Datasheet HTML 3Page - EPCOS B37830 Datasheet HTML 4Page - EPCOS B37830 Datasheet HTML 5Page - EPCOS B37830 Datasheet HTML 6Page - EPCOS B37830 Datasheet HTML 7Page - EPCOS B37830 Datasheet HTML 8Page - EPCOS B37830 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
104 10/02
Multilayer Ceramic Capacitors
X7R
Product range array capacitors
X7R
2-fold arrays
4-fold arrays
Size1)
inch
mm
0405
1012
0508
1220
0612
1632
Type
B37831
B37941
B37872
16
25
50
1,0 nF
1,5 nF
2,2 nF
3,3 nF
4,7 nF
6,8 nF
10
nF
15
nF
22
nF
1) l
´ b (inch) / l ´ b (mm)
VR (VDC)
CR
X7R


Similar Part No. - B37830

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37830R0010J021 EPCOS-B37830R0010J021 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37830R0010J023 EPCOS-B37830R0010J023 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37830R0010J041 EPCOS-B37830R0010J041 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37830R0010J043 EPCOS-B37830R0010J043 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
B37830R0010K021 EPCOS-B37830R0010K021 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
More results

Similar Description - B37830

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
   Multilayer Ceramic Capacitors (2 Array Type)
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com