Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1480ACPI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1480ACPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480ACPI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1480ACPI Datasheet HTML 1Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 2Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 3Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 4Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 5Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 6Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS—MAX1480A/MAX1490A (continued)
(VCC_ = 5V ±10%, FS = VCC_, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC_ = 5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
|tPLH - tPHL| Differential Receiver
Skew
tSKD
Figures 5 and 10, RDIFF = 54
Ω, CL1 = CL2
= 100pF
20
ns
Maximum Data Rate
fMAX
tPLH, tPHL < 50% of data period
2.5
Mbps
Time to Shutdown
tSHDN
100
µs
Shutdown to Driver Output High
tZH(SHDN)
Figures 6 and 9, CL = 100pF, S2 closed
3
10
µs
Shutdown to Driver Output Low
tZL(SHDN)
Figures 6 and 9, CL = 100pF, S1 closed
3
10
µs
SWITCHING CHARACTERISTICS—MAX1480B/MAX1480C/MAX1490B
(VCC_ = 5V ±10%, FS = VCC_, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC_ = 5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
2
3.0
Driver Input to Output
Propagation Delay
tPHL
Figures 5 and 7, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
2
3.0
µs
Driver Output Skew
tSKEW
Figures 5 and 7, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
900
1600
ns
Driver Rise or Fall Time
tR, tF
Figures 5 and 7, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
1.0
2.0
µs
Driver Enable to Output High
(MAX1480B Only)
tZH
Figures 6 and 8, CL = 100pF, S2 closed
35
100
µs
Driver Enable to Output Low
(MAX1480B Only)
tZL
Figures 6 and 8, CL = 100pF, S1 closed
35
100
µs
Driver Disable Time from Low
(MAX1480B Only)
tLZ
Figures 6 and 8, CL = 15pF, S1 closed
13
50
µs
Driver Disable Time from High
(MAX1480B Only)
tHZ
Figures 6 and 8, CL = 15pF, S2 closed
13
50
µs
Driver Enable to Output High
(MAX1480C Only)
tZH
Figures 6 and 8, CL = 100pF, S2 closed
0.5
4.5
µs
Driver Enable to Output Low
(MAX1480C Only)
tZL
Figures 6 and 8, CL = 100pF, S1 closed
0.5
4.5
µs


Similar Part No. - MAX1480ACPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480ACPI MAXIM-MAX1480ACPI Datasheet
487Kb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
More results

Similar Description - MAX1480ACPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX1480A MAXIM-MAX1480A Datasheet
487Kb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
   OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
MPS Industries, Inc.
M6210 MPSIND-M6210 Datasheet
486Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
M6212 MPSIND-M6212 Datasheet
441Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6201 MPSIND-P6201 Datasheet
483Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6202 MPSIND-P6202 Datasheet
390Kb / 1P
   RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com