Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYY58A-500 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # BYY58A-500
Description  50A Silicon Power Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYY58A-500 Datasheet(HTML) 4 Page - Zetex Semiconductors

  BYY58A-500 Datasheet HTML 1Page - Zetex Semiconductors BYY58A-500 Datasheet HTML 2Page - Zetex Semiconductors BYY58A-500 Datasheet HTML 3Page - Zetex Semiconductors BYY58A-500 Datasheet HTML 4Page - Zetex Semiconductors BYY58A-500 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYY57A / BYY58A
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
Forward
voltage
BYY57A-75...800
BYY58A-75...800
VF
-
1.05
1.15
V
IF = 50 A,
measuring time
10ms (half-sine
wave)
BYY57A-75...800
BYY58A-75...800
VF
-
0.810
-
V
IF = 20 A,
measuring time
10ms (half-sine
wave),TJ = 150°
Forward
voltage
(information
values)
BYY57A-75...800
BYY58A-75...800
VF
-
-
1.2
V
IF = 75 A
BYY57A-75...150
BYY58A-75...150
-
-
3
BYY57A-200...800
BYY58A-200...800
IRRM
-
-
1.5
mA
TJ = 150°C, at
VRRM
BYY57A-75...400
BYY58A-75...400
-
-
0.25
Reverse
current
BYY57A-500...800
BYY58A-500...800
IRRM
-
-
0.1
mA
at VRRM
Threshold voltage (information
value)
V(FO)
-
0.66
-
V
TJ = 175°C
Slope resistance (information
value)
rF
-
4.5
-
mΩ
TJ = 175°C
Options: Electrical characteristics for parallel connecting
(at Tamb = 25°C unless otherwise stated)
Option
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
1
Forward voltage
difference in one
category of forward
voltage
∆VF
-
-
0.05
V
IF = 50 A, measuring
time 10ms (half-sine
wave)
2
Reverse current in one
category of forward
voltage (only for
BYY57A-300…800 and
BYY58A-300…800)
IR
-
-
0.01
mA
at VRRM
Issue 2 – November 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYY58A-500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY58 ZETEX-BYY58 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-100 ZETEX-BYY58-100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-1000 ZETEX-BYY58-1000 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-1100 ZETEX-BYY58-1100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-1200 ZETEX-BYY58-1200 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results

Similar Description - BYY58A-500

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE53020 NTE-NTE53020 Datasheet
66Kb / 2P
   Silicon Bridge Rectifier, 50A
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
   Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
   Schottky Power Diode, 50A
logo
NTE Electronics
NTE5538 NTE-NTE5538 Datasheet
23Kb / 2P
   Silicon Controlled Rectifier (SCR) 800VDRM, 50A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com