Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYY54-150 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BYY54-150
Description  25A Silicon Power Rectifier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYY54-150 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BYY54-150 Datasheet HTML 1Page - Zetex Semiconductors BYY54-150 Datasheet HTML 2Page - Zetex Semiconductors BYY54-150 Datasheet HTML 3Page - Zetex Semiconductors BYY54-150 Datasheet HTML 4Page - Zetex Semiconductors BYY54-150 Datasheet HTML 5Page - Zetex Semiconductors BYY54-150 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BYY53 / BYY54
25A Silicon Power Rectifier Diode
Part no.
Description
The BYY53/54 are hermetically sealed 25A-
diodes, which are available in different reverse
voltage classes up to 1500V.
The diodes can be delivered with limited forward
voltage
and reverse current differences for
parallel connecting in rectifier stacks and back-
off-diodes
Features
Forward current 25A
Reverse voltage 75V – 1500V
Hermetic press-fit package
Available in different modifications of the
package
Applications
Power supplies
Rectifier diode in car generators
Rectifier bridges/stacks
Back-off-diodes
Pinout details
BYY53: 1 – cathode; 2 - anode
BYY54: 1 – anode; 2 - cathode
Typical application circuit
Six pulse
bridge
connection
~
~
~
3 x BYY53-1200
3 x BYY54-1200
+
-
1
2
Ordering information
Device
Quantity per box
Options
BYY53-75; …; BYY53-1500
500
BYY54-75; …; BYY54-1500
500
The package quantities for the different package
modifications are included in
“PressFitPackageModifications.pdf”
Device marking
Devices are identified by type. Colour of marking: BYY53- black, BYY54 – red
422........................................……. date code 422 = 2004 week 22
ZETEX
BYY53………………………………... diode type
400………………………………….. repetitive peak reverse voltage VRRM (in V) 400
Issue 2 – November 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYY54-150

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-100 ZETEX-BYY57-100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1000 ZETEX-BYY57-1000 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1100 ZETEX-BYY57-1100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1200 ZETEX-BYY57-1200 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results

Similar Description - BYY54-150

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
   Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
   Schottky Power Diode, 25A
logo
NTE Electronics
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR), 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com