Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYY54-75 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # BYY54-75
Description  25A Silicon Power Rectifier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYY54-75 Datasheet(HTML) 3 Page - Zetex Semiconductors

  BYY54-75 Datasheet HTML 1Page - Zetex Semiconductors BYY54-75 Datasheet HTML 2Page - Zetex Semiconductors BYY54-75 Datasheet HTML 3Page - Zetex Semiconductors BYY54-75 Datasheet HTML 4Page - Zetex Semiconductors BYY54-75 Datasheet HTML 5Page - Zetex Semiconductors BYY54-75 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BYY53 / BYY54
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to case
RθJC
1.2
°C/W
Thermal characteristics
Forward current derating diagram
200°C
168°C
0
5
10
15
20
25
30
-50
0
50
100
150
200
250
TC (°C)
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Forward voltage characteristic
0
5
10
15
20
25
30
0,75
0,8
0,85
0,9
0,95
1
VF (V)
Issue 2 – November 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYY54-75

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-100 ZETEX-BYY57-100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1000 ZETEX-BYY57-1000 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1100 ZETEX-BYY57-1100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1200 ZETEX-BYY57-1200 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results

Similar Description - BYY54-75

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
   Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
   Schottky Power Diode, 25A
logo
NTE Electronics
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR), 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com