Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYY57A-700 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BYY57A-700
Description  50A Silicon Power Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYY57A-700 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BYY57A-700 Datasheet HTML 1Page - Zetex Semiconductors BYY57A-700 Datasheet HTML 2Page - Zetex Semiconductors BYY57A-700 Datasheet HTML 3Page - Zetex Semiconductors BYY57A-700 Datasheet HTML 4Page - Zetex Semiconductors BYY57A-700 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYY57A / BYY58A
Absolute maximum ratings
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Unit
Test condition
BYY57A-75
BYY58A-75
75
BYY57A-100 BYY58A-100
100
BYY57A-150 BYY58A-150
150
BYY57A-200 BYY58A-200
200
BYY57A-300 BYY58A-300
300
BYY57A-400 BYY58A-400
400
BYY57A-500 BYY58A-500
500
BYY57A-600 BYY58A-600
600
BYY57A-700 BYY58A-700
700
Repetitive
peak
reverse
voltage
BYY57A-800 BYY58A-800
VRRM
800
V
Tc = 150°C
Forward current, arithmetic value
IFAV
50
A
900
half-sine wave,
≤ 10 ms
Surge forward current
IFSM
800
A
TJ = 175°C half-sine
wave,
≤ 10 ms
4050
half-sine wave,
≤ 10 ms
Maximum rated value
∫i²dt
3200
A²s
TJ = 175°C half-sine
wave,
≤ 10 ms
Repetitive peak forward current
IFRM=π*IFAV
157
A
f = >15 Hz
Effective forward current
IFRMS
78
A
Junction temperature
TJmax
200
°C
Storage temperature range
Tstg
- 50 to + 175
°C
Issue 2 – November 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYY57A-700

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-100 ZETEX-BYY57-100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1000 ZETEX-BYY57-1000 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1100 ZETEX-BYY57-1100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57-1200 ZETEX-BYY57-1200 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results

Similar Description - BYY57A-700

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE53020 NTE-NTE53020 Datasheet
66Kb / 2P
   Silicon Bridge Rectifier, 50A
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
   Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
   Schottky Power Diode, 50A
logo
NTE Electronics
NTE5538 NTE-NTE5538 Datasheet
23Kb / 2P
   Silicon Controlled Rectifier (SCR) 800VDRM, 50A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com