Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37933K5100D070 Datasheet(PDF) 6 Page - EPCOS

Part # B37933K5100D070
Description  Ultra-low ESR and high Q factor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37933K5100D070 Datasheet(HTML) 6 Page - EPCOS

Back Button B37933K5100D070 Datasheet HTML 2Page - EPCOS B37933K5100D070 Datasheet HTML 3Page - EPCOS B37933K5100D070 Datasheet HTML 4Page - EPCOS B37933K5100D070 Datasheet HTML 5Page - EPCOS B37933K5100D070 Datasheet HTML 6Page - EPCOS B37933K5100D070 Datasheet HTML 7Page - EPCOS B37933K5100D070 Datasheet HTML 8Page - EPCOS B37933K5100D070 Datasheet HTML 9Page - EPCOS B37933K5100D070 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Multilayer Ceramic Capacitors
123 10/02
HQF
Ordering codes and packing for HQF capacitors, 50 VDC, nickel-barrier terminations
Case size 0402, 50 VDC
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR
Ordering code1)
mm
pcs/reel
pcs/reel
0,3 pF
B37923K5000B3**
0,5
± 0,05
10000
50000
0,4 pF
B37923K5000B4**
0,5
± 0,05
10000
50000
0,5 pF
B37923K5000B5**
0,5
± 0,05
10000
50000
0,6 pF
B37923K5000B6**
0,5
± 0,05
10000
50000
0,7 pF
B37923K5000B7**
0,5
± 0,05
10000
50000
0,8 pF
B37923K5000B8**
0,5
± 0,05
10000
50000
0,9 pF
B37923K5000B9**
0,5
± 0,05
10000
50000
1,0 pF
B37923K5010B0**
0,5
± 0,05
10000
50000
1,2 pF
B37923K5010B2**
0,5
± 0,05
10000
50000
1,5 pF
B37923K5010B5**
0,5
± 0,05
10000
50000
1,8 pF
B37923K5010B8**
0,5
± 0,05
10000
50000
2,2 pF
B37923K5020B2**
0,5
± 0,05
10000
50000
2,7 pF
B37923K5020B7**
0,5
± 0,05
10000
50000
3,3 pF
B37923K5030B3**
0,5
± 0,05
10000
50000
3,9 pF
B37923K5030B9**
0,5
± 0,05
10000
50000
4,7 pF
B37923K5040C7**
0,5
± 0,05
10000
50000
5,6 pF
B37923K5050C6**
0,5
± 0,05
10000
50000
6,8 pF
B37923K5060C8**
0,5
± 0,05
10000
50000
8,2 pF
B37923K5080C2**
0,5
± 0,05
10000
50000
10, pF
B37923K5100J0**
0,5
± 0,05
10000
50000
12, pF
B37923K5120J0**
0,5
± 0,05
10000
50000
15, pF
B37923K5150J0**
0,5
± 0,05
10000
50000
18, pF
B37923K5180J0**
0,5
± 0,05
10000
50000
22, pF
B37923K5220J0**
0,5
± 0,05
10000
50000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 120.
^
^
HQF; 0402


Similar Part No. - B37933K5100D070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37933K5100D070 EPCOS-B37933K5100D070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
More results

Similar Description - B37933K5100D070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
logo
List of Unclassifed Man...
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com