Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43455A5158M000 Datasheet(PDF) 3 Page - EPCOS

Part # B43455A5158M000
Description  Uninterruptible power supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43455A5158M000 Datasheet(HTML) 3 Page - EPCOS

  B43455A5158M000 Datasheet HTML 1Page - EPCOS B43455A5158M000 Datasheet HTML 2Page - EPCOS B43455A5158M000 Datasheet HTML 3Page - EPCOS B43455A5158M000 Datasheet HTML 4Page - EPCOS B43455A5158M000 Datasheet HTML 5Page - EPCOS B43455A5158M000 Datasheet HTML 6Page - EPCOS B43455A5158M000 Datasheet HTML 7Page - EPCOS B43455A5158M000 Datasheet HTML 8Page - EPCOS B43455A5158M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
119 10/02
Standard 85 °C
B43455 / B43457
Dimensional drawings
Type B43455
Type B43457
Ring clip/clamp mounting
Threaded stud mounting
Positive pole marking:
+
The base of types with threaded stud and d = 91 mm is fully insulated (the lengths l and l1 are in-
creased by 0,5 mm in these cases). For types with threaded stud and d
≤ 76 mm the base is not
insulated. Also refer to the notes on mounting given on page 168.
Screw terminals with UNF threads are available upon request.
Dimensions and weights
Dimensions are also valid for 2-pad solution and low-inductance design.
Packing
For ecological reasons the packing is pure cardboard.
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
wt. (g)
dI
± 1
I 1 ± 1
I2
+ 0
l3
d1
d2 max d3 max a
+ 0,2
– 1
– 0,4
M 5
M 5
51,6 +0/–0,8
51,6 +0/–0,8
80,7
105,7
87,2
112,2
17
17
7,0 +0,2/– 1
7,0 +0,2/– 1
M 12
M 12
8,2
8,2
13,5
13,5
22,2
22,2
220
280
M 5
64,3 +0/–0,8 105,7
112,2
17
7,0 +0,2/– 1
M 12 8,2
13,5
28,5
440
M 6
M 6
M 6
76,9 +0/–0,7
76,9 +0/–0,7
76,9 +0/–0,7
105,7
143,2
220,7
111,5
149,0
226,5
17
17
17
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
M 12
M 12
M 12
17,7
17,7
17,7
17,7
17,7
17,7
31,7
31,7
31,7
540
840
1300
M 6
M 6
M 6
M 6
91,0 +0/–2
91,0 +0/–2
91,0 +0/–2
91,0 +0/–2
97,0
144,5
191,0
221,0
103,3
149,8
196,3
226,3
17
17
17
17
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
M 12
M 12
M 12
M 12
17,7
17,7
17,7
17,7
17,7
17,7
17,7
17,7
31,7
31,7
31,7
31,7
750
1200
1700
1900
Capacitor diameter d
Packing units (pieces)
Capacitor diameter d
Packing units (pieces)
51,6 mm
64,3 mm
22
15
76,9 mm
91,0 mm
12
8
M5: min. reach of screw = 8 mm
M6: min. reach of screw = 12 mm*)
*) 8 mm for low-inductance design


Similar Part No. - B43455A5158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43455A5109M000 EPCOS-B43455A5109M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
B43455A5109M003 EPCOS-B43455A5109M003 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43455A5158M000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
Nova Electric. All Righ...
GRSLPFC11-3K60 NOVA-GRSLPFC11-3K60 Datasheet
410Kb / 2P
   UNINTERRUPTIBLE POWER SYSTEM
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
Toshiba Semiconductor
T1000 TOSHIBA-T1000 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com