Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422-A1183-+100 Datasheet(PDF) 5 Page - EPCOS

Part # B82422-A1183-+100
Description  Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422-A1183-+100 Datasheet(HTML) 5 Page - EPCOS

  B82422-A1183-+100 Datasheet HTML 1Page - EPCOS B82422-A1183-+100 Datasheet HTML 2Page - EPCOS B82422-A1183-+100 Datasheet HTML 3Page - EPCOS B82422-A1183-+100 Datasheet HTML 4Page - EPCOS B82422-A1183-+100 Datasheet HTML 5Page - EPCOS B82422-A1183-+100 Datasheet HTML 6Page - EPCOS B82422-A1183-+100 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
103 04/00
Characteristics and ordering codes (continued)
1) Closer tolerances and special versions upon request.
2) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm append code number »8«. Example: B82422-A1102-K108
LR
µH
Toler-
ance1)
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code2)
(
∅ 180-mm reel)
Core material: ferrite
1,0
± 5 %
J
± 10 %
K
1
20
7,96
380
0,34
320
B82422-A1102-+100
1,2
1
20
7,96
370
0,37
300
B82422-A1122-+100
1,5
1
20
7,96
340
0,50
270
B82422-A1152-+100
1,8
1
25
7,96
290
0,60
250
B82422-A1182-+100
2,2
1
25
7,96
270
0,75
125
B82422-A1222-+100
2,7
1
25
7,96
240
0,88
110
B82422-A1272-+100
3,3
1
27
7,96
200
1,20
110
B82422-A1332-+100
3,9
1
27
7,96
190
1,40
110
B82422-A1392-+100
4,7
1
27
7,96
150
2,20
110
B82422-A1472-+100
5,6
1
27
7,96
140
2,60
100
B82422-A1562-+100
6,8
1
27
7,96
135
2,80
90
B82422-A1682-+100
8,2
1
27
7,96
130
3,00
90
B82422-A1822-+100
10
1
27
2,52
180
1,60
25
B82422-A1103-+100
12
0,1
27
2,52
175
1,65
23
B82422-A1123-+100
15
0,1
27
2,52
165
1,85
20
B82422-A1153-+100
18
0,1
27
2,52
155
2,00
17
B82422-A1183-+100
22
0,1
27
2,52
140
2,65
16
B82422-A1223-+100
27
0,1
27
2,52
120
3,70
15
B82422-A1273-+100
33
0,1
27
2,52
105
4,50
13
B82422-A1333-+100
39
0,1
27
2,52
90
6,30
12
B82422-A1393-+100
47
0,1
27
2,52
85
7,00
11
B82422-A1473-+100
56
0,1
27
2,52
85
6,75
9
B82422-A1563-+100
68
0,1
27
2,52
80
7,70
9
B82422-A1683-+100
82
0,1
27
2,52
70
10,0
8
B82422-A1823-+100
100
0,1
27
2,52
65
11,5
7
B82422-A1104-+100
^
^
B82422-A****-+100
SMT Inductors, SIMID Series
SIMID 1210-100


Similar Part No. - B82422-A1183-+100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-A1183-++ EPCOS-B82422-A1183-+ Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
More results

Similar Description - B82422-A1183-+100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
   Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
   High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com