Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422-T1122-+ Datasheet(PDF) 4 Page - EPCOS

Part # B82422-T1122-+
Description  Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422-T1122-+ Datasheet(HTML) 4 Page - EPCOS

  B82422-T1122-+ Datasheet HTML 1Page - EPCOS B82422-T1122-+ Datasheet HTML 2Page - EPCOS B82422-T1122-+ Datasheet HTML 3Page - EPCOS B82422-T1122-+ Datasheet HTML 4Page - EPCOS B82422-T1122-+ Datasheet HTML 5Page - EPCOS B82422-T1122-+ Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
113 04/00
Characteristics and ordering codes
1) Closer tolerances and special versions upon request.
2) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm append code number »8«. Example: B82422-T3100-K8
LR
µH
Toler-
ance1)
Qmin
fL; fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code2)
(
∅ 180-mm reel)
Core material: ceramics
0,010
± 5 %
J
± 10 %
K
15
100
450
0,10
4000
B82422-T3100-+
0,012
17
100
450
0,11
3500
B82422-T3120-+
0,015
19
100
450
0,13
3000
B82422-T3150-+
0,018
21
100
450
0,14
2000
B82422-T3180-+
0,022
23
100
450
0,16
2000
B82422-T3220-+
0,027
23
100
450
0,17
1700
B82422-T3270-+
0,033
25
100
450
0,18
1700
B82422-T3330-+
0,039
25
100
450
0,19
1300
B82422-T3390-+
0,047
26
100
450
0,20
1300
B82422-T3470-+
0,056
26
100
450
0,21
1100
B82422-T3560-+
0,068
27
100
450
0,23
1000
B82422-T3680-+
0,082
27
100
450
0,26
1000
B82422-T3820-+
0,10
28
100
450
0,31
900
B82422-T3101-+
Core material: ferrite
0,12
± 5 %
J
± 10 %
K
30
25,2
450
0,15
900
B82422-T1121-+
0,15
30
25,2
450
0,18
700
B82422-T1151-+
0,18
30
25,2
450
0,19
500
B82422-T1181-+
0,22
30
25,2
450
0,20
500
B82422-T1221-+
0,27
30
25,2
450
0,21
500
B82422-T1271-+
0,33
30
25,2
450
0,23
500
B82422-T1331-+
0,39
30
25,2
450
0,25
400
B82422-T1391-+
0,47
30
25,2
450
0,30
400
B82422-T1471-+
0,56
30
25,2
450
0,31
300
B82422-T1561-+
0,68
30
25,2
450
0,34
300
B82422-T1681-+
0,82
30
25,2
450
0,38
300
B82422-T1821-+
1,0
30
7,96
400
0,6
300
B82422-T1102-+
1,2
30
7,96
390
0,7
250
B82422-T1122-+
1,5
30
7,96
370
0,7
200
B82422-T1152-+
1,8
30
7,96
350
0,8
140
B82422-T1182-+
2,2
30
7,96
320
0,8
100
B82422-T1222-+
^
^
^
^
B82422-T
SMT Inductors, SIMID Series
SIMID 1210-T


Similar Part No. - B82422-T1122-+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-A1102-++ EPCOS-B82422-A1102-+ Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-A1102-+100 EPCOS-B82422-A1102-+100 Datasheet
124Kb / 7P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82422-A1103-++ EPCOS-B82422-A1103-+ Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-A1103-+100 EPCOS-B82422-A1103-+100 Datasheet
124Kb / 7P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82422-A1104-++ EPCOS-B82422-A1104-+ Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
More results

Similar Description - B82422-T1122-+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82422-A3829 EPCOS-B82422-A3829 Datasheet
124Kb / 7P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
   High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
   Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com