Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82432-A1392-K Datasheet(PDF) 2 Page - EPCOS

Part # B82432-A1392-K
Description  Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432-A1392-K Datasheet(HTML) 2 Page - EPCOS

  B82432-A1392-K Datasheet HTML 1Page - EPCOS B82432-A1392-K Datasheet HTML 2Page - EPCOS B82432-A1392-K Datasheet HTML 3Page - EPCOS B82432-A1392-K Datasheet HTML 4Page - EPCOS B82432-A1392-K Datasheet HTML 5Page - EPCOS B82432-A1392-K Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
117 04/00
General technical data
Rated inductance
LR
Measured with impedance analyzer HP 4194A
at frequency
fL
Q factor
Qmin
Measured with impedance analyzer HP 4194A
at frequency
fQ
Rated current
IR
Maximum permissible dc with
inductance decrease
∆L/L
0 ≤ 10 %
and temperature increase of
≤ 30 K
at rated temperature of 85
°C
Self-resonance frequency
fres, min
Measured with network analyzer HP 8753
DC resistance
Rmax
Measured at 20
°C ambient temperature,
measuring current
< I
R
Climatic category
In accordance with IEC 60068-1
55/125/56 (– 55
°C/+ 125°C/56 days damp heat test)
Solderability
In accordance with IEC 60062-2-58
(215
± 3)°C, (3 ± 0,3) s
Wetting of soldering area:
≥ 95 %
Resistance to soldering heat
In accordance with IEC 60068-2-20
260
°C, 10 s
∆L/L ≤ ± 3%
Permissible PCB bending
2 mm (100 mm long standard PCB)
Weight
Approx. 130 mg
B82432-A
SMT Inductors, SIMID Series
SIMID 1812-A


Similar Part No. - B82432-A1392-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82432-H1103-K EPCOS-B82432-H1103-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82432-H1104-K EPCOS-B82432-H1104-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82432-H1152-K EPCOS-B82432-H1152-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82432-H1153-K EPCOS-B82432-H1153-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
More results

Similar Description - B82432-A1392-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
   High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com