Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH16S64BAMD-6 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MH16S64BAMD-6
Description  1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16S64BAMD-6 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MH16S64BAMD-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16S64BAMD-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MITSUBISHI
ELECTRIC
1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH16S64BAMD-6
MITSUBISHI LSIs
11/May. /1999
MIT-DS-0315-0.0
PIN FUNCTION
Input
Master Clock:All other inputs are referenced to the rising
edge of CK
CKE0,1
Input
Clock Enable:CKE controls internal clock.When CKE is
low,internal clock for the following cycle is ceased. CKE is
also used to select auto / self refresh. After self refresh
mode is started, CKE E becomes asynchronous input.Self
refresh is maintained as long as CKE is low.
/S0-3
Input
Chip Select: When /S is high,any command means
No Operation.
/RAS,/CAS,/W
Input
Combination of /RAS,/CAS,/W defines basic
commands.
A0-11
Input
A0-11 specify the Row/Column Address in conjunction with
BA.The Row Address is specified by A0-11.The Column
Address is specified by A0-8.A10 is also used to indicate
precharge option.When A10 is high at a read / write
command, an auto precharge is performed. When A10 is
high at a precharge command, both banks are precharged.
BA0-1
Input
Bank Address:BA0,1 is specifies the four bank to which
a command is applied.BA must be set with ACT ,PRE
,READ ,WRITE commands
DQ0-63
Input/Output
Data In and Data out are referenced to the rising edge
of CK
DQM0-7
Input
Din Mask/Output Disable:When DQMB is high in burst
write.Din for the current cycle is masked.When DQMB is high
in burst read,Dout is disabled at the next but one cycle.
Vdd,Vss
Power Supply
Power Supply for the memory mounted
module.
CK0-3
4


Similar Part No. - MH16S64BAMD-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64BAMD-10 MITSUBISHI-MH16S64BAMD-10 Datasheet
591Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64BAMD-7 MITSUBISHI-MH16S64BAMD-7 Datasheet
591Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64BAMD-8 MITSUBISHI-MH16S64BAMD-8 Datasheet
591Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH16S64BAMD-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64PHB-6 MITSUBISHI-MH16S64PHB-6 Datasheet
572Kb / 40P
   1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH16S64APHB-6 MITSUBISHI-MH16S64APHB-6 Datasheet
688Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)Synchronous DRAM
MH16S64APFC-7 MITSUBISHI-MH16S64APFC-7 Datasheet
676Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
MH16S72PHB-6 MITSUBISHI-MH16S72PHB-6 Datasheet
573Kb / 40P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72BDFA-7 MITSUBISHI-MH16S72BDFA-7 Datasheet
958Kb / 56P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72DDFA-7 MITSUBISHI-MH16S72DDFA-7 Datasheet
924Kb / 56P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72BCFA-6 MITSUBISHI-MH16S72BCFA-6 Datasheet
935Kb / 56P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72AVJB-6 MITSUBISHI-MH16S72AVJB-6 Datasheet
950Kb / 57P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72VJB-6 MITSUBISHI-MH16S72VJB-6 Datasheet
930Kb / 56P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16S72DCFA-6 MITSUBISHI-MH16S72DCFA-6 Datasheet
942Kb / 56P
   1,207,959,552-BIT ( 16,777,216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com