Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDIUSBD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDIUSBD Datasheet HTML 5Page - NXP Semiconductors PDIUSBD Datasheet HTML 6Page - NXP Semiconductors PDIUSBD Datasheet HTML 7Page - NXP Semiconductors PDIUSBD Datasheet HTML 8Page - NXP Semiconductors PDIUSBD Datasheet HTML 9Page - NXP Semiconductors PDIUSBD Datasheet HTML 10Page - NXP Semiconductors PDIUSBD Datasheet HTML 11Page - NXP Semiconductors PDIUSBD Datasheet HTML 12Page - NXP Semiconductors PDIUSBD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
1999 Jul 22
9
Read Last Transaction Status
Command
: 40–4Dh
Data
: Read 1 byte
The Read Last Transaction Status command is followed by one data
read that returns the status of the last transaction of the endpoint.
This command also resets the corresponding interrupt flag in the
interrupt register, and clears the status, indicating that it was read.
This command is useful for debugging purposes. Since it keeps
track of every transaction, the status information is overwritten for
each new transaction.
POWER ON VALUE
DATA RECEIVE/TRANSMIT SUCCESS
ERROR CODE (SEE TABLE)
SETUP PACKET
DATA 0/1 PACKET
PREVIOUS STATUS NOT READ
76
5
4
3
2
0
1
0
0
00
00
00
SV00832
Data Receive/
Transmit Success
A ‘1’ indicates data has been received
or transmitted successfully.
Error Code
See Table 1, Error Codes.
Setup Packet
A ‘1’ indicates the last successful
received packet had a SETUP token
(this will always read ‘0’ for IN buffers).
Data 0/1 Packet
A ‘1’ indicates the last successful
received or sent packet had a DATA1
PID.
Previous Status not Read
A ‘1’ indicates a second event occurred
before the previous status was read.
Table 1.
ERROR CODES
ERROR
CODE
RESULT
0000
No Error
0001
PID encoding Error; bits 7–4 are not the inversion of
bits 3–0
0010
PID unknown; encoding is valid, but PID does not exist
0011
Unexpected packet; packet is not of the type expected
(= token, data or acknowledge), or SETUP token to a
non-control endpoint
0100
Token CRC Error
0101
Data CRC Error
0110
Time Out Error
0111
Babble Error
1000
Unexpected End-of-packet
1001
Sent or received NAK
1010
Sent Stall, a token was received, but the endpoint was
stalled
1011
Overflow Error, the received packet was longer than
the available buffer space
1101
Bitstuff Error
1111
Wrong DATA PID; the received DATA PID was not the
expected one
Read Endpoint Status
Command
: 80–8Dh
Data
: Read 1 byte
POWER ON VALUE
RESERVED
SETUP PACKET
STALL
DATA 0/1 PACKET
BUFFER FULL
76
5
4
3
2
X
1
X
0
00
00
XX
SV00833
RESERVED
Setup Packet
A ‘1’ indicates the last received packet had a
SETUP token.
STALL
A ‘1’ indicates the endpoint is stalled.
Data 0/1 Packet
A ‘1’ indicates if the last received or sent packet
had a DATA1 PID.
Buffer Full
A ‘1’ indicates that the buffer is full.
Read Buffer
Command
: F0h
Data
: Read multiple bytes (max 10)
The Read Buffer command is followed by a number of data reads,
which return the contents of the selected endpoint data buffer. After
each read, the internal buffer pointer is incremented by 1.
The buffer pointer is not reset to the buffer start by the Read Buffer
command. This means that reading or writing a buffer can be
interrupted by any other command (except for Select Endpoint), or
can be done by more than one I2C transaction (read the first 2 bytes
to get the number of data bytes, then read the rest in other
transactions).
The data in the buffer are organized as follows:
byte 0: Reserved: can have any value
byte 1: Number/length of data bytes
byte 2: Data byte 1
byte 3: Data byte 2
. . . . . .
Write Buffer
Command
: F0h
Data
: Write multiple bytes (max 10)
The Write Buffer command is followed by a number of data writes,
which load the endpoints buffer. The data must be organized in the
same way as described in the Read Buffer command. The first byte
(reserved) should always be ‘0’. As in the Read Buffer command,
the data can be split up into different I2C data transactions.
WARNING:
There is no protection against writing or reading over a buffer’s
boundary or against writing into an OUT buffer or reading from an IN
buffer. Any of these actions could cause an incorrect operation. Data
in an OUT buffer are only meaningful after a successful transaction.


Similar Part No. - PDIUSBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
PDIUSBD12D PHILIPS-PDIUSBD12D Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
PDIUSBD12PW PHILIPS-PDIUSBD12PW Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
More results

Similar Description - PDIUSBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
logo
SMSC Corporation
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
   Hi-Speed USB Device PHY with UTMI Interface
logo
Microchip Technology
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
   Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
   Hi-Speed USB Device PHY with UTMI Interface
01/27/15
logo
Cypress Semiconductor
CY7C68001 CYPRESS-CY7C68001_05 Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
CY7C68001 CYPRESS-CY7C68001_09 Datasheet
1Mb / 45P
   EZ-USB SX2 High Speed USB Interface Device
CY7C68001 CYPRESS-CY7C68001 Datasheet
1Mb / 42P
   EZ-USB SX2??High-Speed USB Interface Device
logo
NXP Semiconductors
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
   HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
logo
Microchip Technology
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
   Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com