Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

831B Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # 831B
Description  Silicon 25V hyperabrupt varactor diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

831B Datasheet(HTML) 1 Page - Zetex Semiconductors

  831B Datasheet HTML 1Page - Zetex Semiconductors 831B Datasheet HTML 2Page - Zetex Semiconductors 831B Datasheet HTML 3Page - Zetex Semiconductors 831B Datasheet HTML 4Page - Zetex Semiconductors 831B Datasheet HTML 5Page - Zetex Semiconductors 831B Datasheet HTML 6Page - Zetex Semiconductors 831B Datasheet HTML 7Page - Zetex Semiconductors 831B Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 11 - January 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
830 series
Silicon 25V hyperabrupt varactor diodes
ZC829, ZDC833, ZMV829, ZMDC830 and ZV831
Description
A range of silicon varactor diodes for use in
frequency
control
and
filtering.
Featuring
closely controlled CV characteristics and high
Q. Low reverse current ensures very low phase
noise performance. Available in single or dual
common cathode format in a wide rage of
miniature surface mount packages.
Features
Close tolerance CV characteristics
High tuning ratio
•Low IR (typically 200pA)
Excellent phase noise performance
•High Q
Range of miniature surface mount packages
Applications
VCXO and TCXO
Wireless communications
Pagers
Mobile radio
Where steeper CV slopes are required there is the 12V hyperabrupt range:
ZC930, ZMV930, ZV930 and ZV931
SOT23
SOT323
SOD523
SOD323


Similar Part No. - 831B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
831B ZETEX-831B Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
logo
Guangdong Kexin Industr...
831B KEXIN-831B Datasheet
66Kb / 2P
   Surface Mount Zener Diodes
logo
List of Unclassifed Man...
831B-1 ETC1-831B-1 Datasheet
78Kb / 2P
   83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
831B-1G ETC1-831B-1G Datasheet
78Kb / 2P
   83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
831B-1J ETC1-831B-1J Datasheet
78Kb / 2P
   83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
More results

Similar Description - 831B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com