Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDIUSBD12 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PDIUSBD12
Description  USB interface device with parallel bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD12 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PDIUSBD12 Datasheet HTML 14Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 15Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 16Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 17Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 18Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 19Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 20Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 21Page - NXP Semiconductors PDIUSBD12 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Philips Semiconductors
PDIUSBD12
USB interface device with parallel bus
Product data
Rev. 08 — 20 December 2001
22 of 35
9397 750 09238
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
12. Interrupt modes
[1]
Bit 7 of Clock division factor byte of Set mode command (see Table 6).
[2]
Bit 5 of Set DMA command (see Table 7).
[3]
Normal interrupts from Interrupt Register.
13. Limiting values
[1]
Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω resistor.
[2]
Values are given for device only; in-circuit Vesd(max) = ±8000 V.
Table 11:
Interrupt modes
SOF-ONLY INTERRUPT MODE[1]
INTERRUPT PIN MODE[2]
Interrupt types
0
0
Normal[3]
0
1
Normal + SOF [3]
1
X
SOF only
Table 12:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.0
V
VI
input voltage
−0.5
VCC + 0.5 V
Ilatchup
latchup current
VI < 0 or VI >VCC
100
mA
Vesd
electrostatic discharge
voltage
ILI <1 µA
[1][2]
−±2000
V
Tstg
storage temperature
−60
+150
°C
Ptot
total power dissipation
VCC = 5.5 V
95
mW
Table 13:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC1
DC supply voltage
(Main mode)
apply VCC1 to VCC
pin only
4.0
5.5
V
VCC2
DC supply voltage
(Alternate mode)
apply VCC2 to both
VCC and Vout3.3
pins
3.0
3.6
V
VI
DC input voltage
0
5.5
V
VI/O
DC input voltage for I/O
0
5.5
V
VAI/O
DC input voltage for
analog I/O
0
3.6
V
VO
DC output voltage
0
VCC
V
Tamb
operating ambient
temperature in free air
See Section 14
and Section 15
per device.
−40
+85
°C


Similar Part No. - PDIUSBD12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBD11 PHILIPS-PDIUSBD11 Datasheet
119Kb / 20P
   USB device with serial interface
1999 Jul 22
PDIUSBD11D PHILIPS-PDIUSBD11D Datasheet
119Kb / 20P
   USB device with serial interface
1999 Jul 22
PDIUSBD11N PHILIPS-PDIUSBD11N Datasheet
119Kb / 20P
   USB device with serial interface
1999 Jul 22
More results

Similar Description - PDIUSBD12

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT120T-R FTDI-FT120T-R Datasheet
1Mb / 40P
   USB Device Controller with Parallel Bus IC
logo
NXP Semiconductors
PDIUSBD11 PHILIPS-PDIUSBD11 Datasheet
119Kb / 20P
   USB device with serial interface
1999 Jul 22
logo
Future Technology Devic...
FT122 FTDI-FT122 Datasheet
1Mb / 47P
   FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
logo
Nanjing Qinheng Microel...
CH372 WCH-CH372 Datasheet
222Kb / 13P
   USB Bus Interface ChIp
CH3723 WCH-CH3723 Datasheet
68Kb / 2P
   USB Bus Interface ChIp
CH375 WCH-CH375 Datasheet
244Kb / 15P
   USB Bus Interface ChIp
CH374 WCH-CH374 Datasheet
220Kb / 13P
   USB Bus Interface ChIp
logo
SMSC Corporation
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
   Hi-Speed USB Device PHY with UTMI Interface
logo
Microchip Technology
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
   Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
   Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com