Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PDIUSBD12 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PDIUSBD12
Description  USB interface device with parallel bus
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
Philips Semiconductors
PDIUSBD12
USB interface device with parallel bus
Product data
Rev. 08 — 20 December 2001
5 of 35
9397 750 09238
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
6.
Functional description
6.1 Analog transceiver
The integrated transceiver interfaces directly to the USB cables through termination
resistors.
6.2 Voltage regulator
A 3.3 V regulator is integrated on-chip to supply the analog transceiver. This voltage
is also provided as an output to connect to the external 1.5 k
Ω pull-up resistor.
Alternatively, the PDIUSBD12 provides SoftConnect technology with an integrated
1.5 k
Ω pull-up resistor.
6.3 PLL
A 6 MHz to 48 MHz clock multiplier PLL (Phase-Locked Loop) is integrated on-chip.
This allows for the use of a low-cost 6 MHz crystal. EMI is also minimized due to the
lower frequency crystal. No external components are needed for the operation of the
PLL.
6.4 Bit clock recovery
The bit clock recovery circuit recovers the clock from the incoming USB data stream
using 4
× oversampling principle. It is able to track jitter and frequency drift specified
by the USB specification.
6.5 Philips Serial Interface Engine (PSIE)
The Philips SIE implements the full USB protocol layer. It is completely hardwired for
speed and needs no firmware intervention. The functions of this block include:
synchronization pattern recognition, parallel/serial conversion, bit stuffing/de-stuffing,
CRC checking/generation, PID verification/generation, address recognition, and
handshake evaluation/generation.
6.6 SoftConnect
The connection to the USB is accomplished by bringing D+ (for high-speed USB
device) HIGH through a 1.5 k
Ω pull-up resistor. In the PDIUSBD12, the 1.5 kΩ pull-up
resistor is integrated on-chip and is not connected to VCC by default. The connection
is established through a command sent by the external/system microcontroller. This
allows the system microcontroller to complete its initialization sequence before
deciding to establish connection to the USB. Re-initialization of the USB bus
connection can also be performed without requiring to pull out the cable.
The PDIUSBD12 will check for USB VBUS availability before the connection can be
established. VBUS sensing is provided through pin EOT_N. See Section 3.2 “Pin
description” for details. Sharing of VBUS sensing and EOT_N can be easily
accomplished by using VBUS voltage as the pull-up voltage for the normally
open-drain output of the DMA controller pin.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
USB3280Hi-Speed USB Device PHY with UTMI Interface 1 2 3 4 5 MoreSMSC Corporation
USB3290Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface 1 2 3 4 5 MoreSMSC Corporation
USB3300_06Hi-Speed USB Host Device or OTG PHY with ULPI Low Pin Interface 1 2 3 4 5 MoreSMSC Corporation
USB3500Hi-Speed USB Host Device or OTG PHY With UTMI+ Interface 1 2 3 4 5 MoreSMSC Corporation
M25P10-A_061 Mbit low voltage Serial Flash memory with 50MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
AT89C5131A-L_068-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation
PCM2904STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF 1 2 3 4 5 MoreBurr-Brown (TI)
TS4956Stereo audio amplifier system with I2C bus interface 1 2 3 4 5 MoreSTMicroelectronics
M25P16_0716 Mbit low voltage Serial Flash memory with 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
MC144428-BIT A/D CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl