Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBM2075 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CBM2075
Description  Fastest & Securest USB 2.0/USB1.1 Flash Disk Controller with dedicated 32-bit microprocessor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBM2075 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CBM2075 Datasheet HTML 6Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 7Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 8Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 9Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 10Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 11Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 12Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 13Page - List of Unclassifed Manufacturers CBM2075 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8
CBM2080/CBM1180 Datasheet
-8 -
March 22, 2005
41
31
FCLE1
GPO4
O
Group 1 Flash Command Latch Enable
General Output port 4
42
FCEN6
O
Flash Chip Enable - Chip 6 (active low)
43
32
FRB0
GPI4
I
Group 0 Flash Ready_Busy
General Input port 4
44
FCEN2
O
Flash Chip Enable - Chip 2 (active low)
45
33
FCLE0
GPO0
O
Group 0 Flash Command Latch Enable
General Output port 0
46
34
FALE0
GPO1
O
Group 0 Flash Address Latch Enable
General Output port 1
47
35
VSS
GND
Padring 3.3V / Logic 1.8V Ground
48
36
FCEN0
O
Flash Chip Enable - Chip 0 (active low)
49
FCEN1
O
Flash Chip Enable - Chip 1 (active low)
50
37
FWRN0
O
Group 0 Flash Write Enable (active low)
51
38
FRDN0
O
Group 0 Flash Read Enable (active low)
52
39
FDATA0_0
GPIO0
I/O
Group 0 Flash Data Bus - bit 0
General I/O port 0
53
40
FDATA0_1
GPIO1
I/O
Group 0 Flash Data Bus - bit 1
General I/O port 1
54
41
FDATA0_2
GPIO2
I/O
Group 0 Flash Data Bus - bit 2
General I/O port 2
55
42
FDATA0_3
GPIO3
I/O
Group 0 Flash Data Bus - bit 3
General I/O port 3
56
43
VSS33R
GND
Regulator 3.3V Ground
57
44
VREF18
PWR
Regulator 1.8V Out
58
45
VDD33R
PWR
Regulator 3.3V Power
59
FCEN7
O
Flash Chip Enable - Chip 7 (active low)
60
46
FDATA0_4
GPIO4
I/O
Group 0 Flash Data Bus - bit 4
General I/O port 4
61
47
FDATA0_5
GPIO5
I/O
Group 0 Flash Data Bus - bit 5
General I/O port 5
62
48
FDATA0_6
GPIO6
I/O
Group 0 Flash Data Bus - bit 6
General I/O port 6


Similar Part No. - CBM2075

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM2003 COREBAI-CBM2003 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2003ADP16 COREBAI-CBM2003ADP16 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2003AS16 COREBAI-CBM2003AS16 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2004 COREBAI-CBM2004 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
More results

Similar Description - CBM2075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
AU69XX ETC1-AU69XX Datasheet
1Mb / 2P
   AU6998SN - USB 2.0 Universal Flash Disk Controller
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
   USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
   USB Flash Disk Controller
PL-2315 ETC-PL-2315 Datasheet
72Kb / 1P
   USB Portable Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com