Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBM1183 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CBM1183
Description  Fastest & Securest USB 2.0/USB1.1 Flash Disk Controller with dedicated 32-bit microprocessor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBM1183 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CBM1183 Datasheet HTML 1Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 2Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 3Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 4Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 5Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 6Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 7Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 8Page - List of Unclassifed Manufacturers CBM1183 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2
CBM2080/CBM1180 Datasheet
-2 -
March 22, 2005
ECC for AG-AND flash:
6-24 bit/page
Hardware & Software Data Protection Technology
Prevent data corruption even if it is powered off or unplugged during data transfer.
NAND, AG-AND & MLC Flash Interface
Supports Samsung & Toshiba NAND flash memories
Supports Toshiba & Sandisk MLC flash memories
Supports Renesas AG-AND flash memories
Supports Infenion / Hynix flash memories
Supports ST Microelectronics flash memories
Supports Micron / Actrans flash memories
Software configuration to support various new flash memories
Supports up to 8 flash chips.
Proprietary 32-bit CISC microprocessor feature
Proprietary 32-bit CISC processor for USB protocol processing and flash access.
Single cycle instruction period
Write-protect switch for security
Integrated 3.3v to 1.8v voltage regulator
LED indicator to show access status
Three modes: Busy, waiting, and off
Disk partitions and password check for security disk available
PC boot up as USB Zip Disk and USB Hard Disk
Auto run function
USB suspend and resume
Low power dissipation
Operating current 50mA (Bus power compatible)
Leading 0.18um CMOS technology
48-pin TQFP /64-pin LQFP package
48-pin CBM2080/CBM1180/CBM1183 supports up to 4 Flash Chips
64-pin CBM2080L/CBM1180L/CBM1183L supports up to 8 Flash Chips
Windows, Mac and Linux compatible


Similar Part No. - CBM1183

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S120 CINCON-CBM100S120 Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S240 CINCON-CBM100S240 Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S280 CINCON-CBM100S280 Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
More results

Similar Description - CBM1183

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
AU69XX ETC1-AU69XX Datasheet
1Mb / 2P
   AU6998SN - USB 2.0 Universal Flash Disk Controller
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
   USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
   USB Flash Disk Controller
PL-2315 ETC-PL-2315 Datasheet
72Kb / 1P
   USB Portable Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com