Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37942K5105M072 Datasheet(PDF) 8 Page - EPCOS

Part # B37942K5105M072
Description  Multilayer Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37942K5105M072 Datasheet(HTML) 8 Page - EPCOS

Back Button B37942K5105M072 Datasheet HTML 3Page - EPCOS B37942K5105M072 Datasheet HTML 4Page - EPCOS B37942K5105M072 Datasheet HTML 5Page - EPCOS B37942K5105M072 Datasheet HTML 6Page - EPCOS B37942K5105M072 Datasheet HTML 7Page - EPCOS B37942K5105M072 Datasheet HTML 8Page - EPCOS B37942K5105M072 Datasheet HTML 9Page - EPCOS B37942K5105M072 Datasheet HTML 10Page - EPCOS B37942K5105M072 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Multilayer Ceramic Capacitors
87
10/02
Z5U
(Y5U)
Ordering codes and packing for Z5U (Y5U), 50 VDC, silver-palladium terminations
Chip
thickness
Blister tape,
Æ 180-mm reel
Blister tape,
Æ 330-mm reel
**
62
**
72
CR
Ordering code
mm
pcs/reel
pcs/reel
Case size 1812, 50 VDC
680, nF
B37954J5684M0**
1,2
± 0,1
1500
5000
1,0
mF
B37954J5105M0**
1,2
± 0,1
1500
5000
1,5
mF
B37954J5155M0**
1,2
± 0,1
1500
5000
Case size 2220, 50 VDC
1,0
mF
B37957J5105M0**
1,2
± 0,1
1500
5000
2,2
mF
B37957J5225M0**
1,2
± 0,1
1500
5000
4,7
mF
B37957J5475M0**
1,2
± 0,1
1500
5000
^
^
Z5U (Y5U); 1812 and 2220


Similar Part No. - B37942K5105M072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940 EPCOS-B37940 Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
B37940J1010B501 EPCOS-B37940J1010B501 Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
B37940J1010B560 EPCOS-B37940J1010B560 Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
B37940J1010B562 EPCOS-B37940J1010B562 Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
B37940J1010B570 EPCOS-B37940J1010B570 Datasheet
235Kb / 21P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37942K5105M072

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com