Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBM1180 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CBM1180
Description  Fastest & Securest USB 2.0/USB1.1 Flash Disk Controller with dedicated 32-bit microprocessor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBM1180 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CBM1180 Datasheet HTML 4Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 5Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 6Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 7Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 8Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 9Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 10Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 11Page - List of Unclassifed Manufacturers CBM1180 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6
CBM2080/CBM1180 Datasheet
-6 -
March 22, 2005
5 Pin Description
Brief CBM2080/CBM1180/CBM1183 pin functions are shown in the following tables.
I :
Input signal
O :
Output signal
I/O :
Bi-direction signal
PWR :
Power signal
GND :
Ground signal
CBM2080 & CBM1180 & CBM2075 LQFP64 / TQFP48 Pin Description
CBMxx80L
LQFP64
Pin No.
CBMxx80/
CBM2075
TQFP48
Pin No.
Pin Name
Type
Description
63
1
FDATA0_7
GPIO7
I/O
Group 0 Flash Data Bus - bit 7
General I/O port 7
64
TXD
O
Serial port data out
1
RXD
I
Serial port data in
2
FCEN4
O
Flash Chip Enable - Chip 4 (active low)
3
2
VSS
GND
Padring 3.3V / Logic 1.8V Ground
4
3
VDD33
PWR
Padring 3.3V Power
5
4
DM
I/O
USB Data Negative Pin
6
nc
7
5
DP
I/O
USB Data Positive Pin
8
6
RREF
I
Connect External Resister for current
reference
9
7
VD33A
PWR
Analog 3.3V Power
10
VD33A
PWR
Analog 3.3V Power
11
8
VS33A
GND
Analog 3.3V Ground
12
VS33A
GND
Analog 3.3V Ground
13
9
VSSA
GND
Analog 1.8V Ground
14
10
XI
I
Crystal Input (12 MHz)


Similar Part No. - CBM1180

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S120 CINCON-CBM100S120 Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S240 CINCON-CBM100S240 Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
CBM100S280 CINCON-CBM100S280 Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
More results

Similar Description - CBM1180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
AU69XX ETC1-AU69XX Datasheet
1Mb / 2P
   AU6998SN - USB 2.0 Universal Flash Disk Controller
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
   USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
   USB Flash Disk Controller
PL-2315 ETC-PL-2315 Datasheet
72Kb / 1P
   USB Portable Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com