Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR42-AR3 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BSR42-AR3
Description  SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BSR42-AR3 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BSR42-AR3 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 – FEBRUARY 1996
7
COMPLEMENTARY TYPES – BSR40 – BSR30
BSR42 – BSR32
PARTMARKING DETAIL –
BSR40 – AR1
BSR42 – AR3
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BSR40
BSR42
UNIT
Collector-Base Voltage
VCBO
70
90
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
BSR40
Breakdown Voltage BSR42
V(BR)CBO
70
90
V
V
IC=100µA
IC=100µA
Collector-Emitter
BSR40
Breakdown Voltage BSR42
V(BR)CEO
60
80
V
V
IC=10mA
IC=10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=10µA
Collector Cut-Off
Current
ICBO
100
50
nA
µA
VCB=60V
VCB=60V, Tamb=125°C
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
0.5
V
V
IC =150mA, IB=15mA
IC =500mA, IB=50mA
Base-Emitter
Saturation Voltage
VBE(sat)
1.0
1.2
V
V
IC =150mA, IB=15mA
IC =500mA, IB=50mA
Static Forward
Current Transfer Ratio
hFE
10
40
30
120
IC =100µA, VCE=5V
IC =100mA, VCE=5V
IC =500mA, VCE=5V
Collector Capacitance
Cc
12
pF
VCB =10V, f =1MHz
Emitter Capacitence
Ce
90
pF
VEB =0.5V, f=1MHz
Transition Frequency
fT
100
MHz
IC=50mA, VCE=10V
f =35MHz
Turn-On Time
Ton
250
ns
VCC =20V, IC =100mA
IB1 =-IB2 =-5mA
Turn-Off Time
Toff
1000
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
For typical characteristics graphs see FMMT493 datasheet.
BSR40
BSR42
C
C
B
E
3 - 67


Similar Part No. - BSR42-AR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR42 PHILIPS-BSR42 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
logo
Zetex Semiconductors
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BSR42 KEXIN-BSR42 Datasheet
40Kb / 2P
   NPN Medium Power Transistors
logo
NXP Semiconductors
BSR42 NXP-BSR42 Datasheet
125Kb / 7P
   NPN medium power transistors
2004 Dec 13
logo
GUANGDONG HOTTECH INDUS...
BSR42 HOTTECH-BSR42 Datasheet
371Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - BSR42-AR3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR41 ZETEX-BSR41 Datasheet
16Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BSR43TA ETC2-BSR43TA Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BSR40 DIODES-BSR40 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
BSR41 DIODES-BSR41 Datasheet
26Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
logo
Zetex Semiconductors
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com