Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1394P11A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDI1394P11A
Description  3-port physical layer interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P11A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDI1394P11A Datasheet HTML 2Page - NXP Semiconductors PDI1394P11A Datasheet HTML 3Page - NXP Semiconductors PDI1394P11A Datasheet HTML 4Page - NXP Semiconductors PDI1394P11A Datasheet HTML 5Page - NXP Semiconductors PDI1394P11A Datasheet HTML 6Page - NXP Semiconductors PDI1394P11A Datasheet HTML 7Page - NXP Semiconductors PDI1394P11A Datasheet HTML 8Page - NXP Semiconductors PDI1394P11A Datasheet HTML 9Page - NXP Semiconductors PDI1394P11A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
Preliminary specification
PDI1394P11A
3-port physical layer interface
1999 Mar 10
6
9.0
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VDD
DC supply voltage
–0.3
4.6
V
VI
DC input voltage3
Inputs CPS, TPAn, TPBn, FILTER, XI
–0.5
VDD+0.5
V
VI,5t
DC input voltage
5V tolerant digital inputs RESET–, LPS, LREQ, PD,
CTL[0:1], D[0:3], TESTM[2:1], C/LKON, PC[0:2], ISO–
–0.5
5.5
V
VO
DC output voltage3
–0.5
VDD+0.5
V
IIK
DC input diode current
VI < 0
–50
mA
IOK
DC output diode current
VO < 0 or VO > VDD
±50
mA
Tstg
Storage temperature range
–65
+150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output clamp current ratings are observed.
10.0
CABLE DRIVER
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD
Differential output voltage
56
W load
172
265
mV
IO(diff)
Difference current, TPA+, TPA–, TPB+, TPB–
Driver enabled, speed signaling OFF
–1.051
1.051
mA
ISP
Common mode speed signaling current, TPB+, TPB–
200Mbit speed signaling enabled
+2.532
+4.842
mA
VOFF
OFF state common mode voltage
Drivers disabled
20
mV
NOTES:
1. Limits defined as algebraic sum of TPA+ and TPA– driver currents. Limits also apply to TPB+ and TPB– algebraic sum of driver currents.
2. Limits defined as one half of the algebraic sum of currents flowing into TPB+ and TPB–.
11.0
CABLE RECEIVER
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIC
Common mode input current
Driver disabled
–20
20
µA
Z
Differential input impedance
Driver disabled
15
k
ZID
Differential input impedance
Driver disabled
6
pF
Z C
Common mode input impedance
Driver disabled
20
k
ZIC
Common mode input impedance
Driver disabled
24
pF
VTH
Receiver input threshold voltage
–60
60
mV
VTH
Cable bias detect threshold, TPBn cable inputs
Driver disabled
0.6
1.0
V


Similar Part No. - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P11BD PHILIPS-PDI1394P11BD Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
More results

Similar Description - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
   IEEE1394 3-Port 400Mbps Physical Layer
16 March 1998
logo
NXP Semiconductors
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
   1-port 400 Mbps physical layer interface
2002 Oct 11
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
   Charger Interface Physical Layer IC
August 2016
logo
List of Unclassifed Man...
VT6304 ETC-VT6304 Datasheet
126Kb / 21P
   1394.A 4 PORT PHYSICAL LAYER CHIP
logo
Texas Instruments
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com