Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1394P11A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDI1394P11A
Description  3-port physical layer interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P11A Datasheet(HTML) 4 Page - NXP Semiconductors

  PDI1394P11A Datasheet HTML 1Page - NXP Semiconductors PDI1394P11A Datasheet HTML 2Page - NXP Semiconductors PDI1394P11A Datasheet HTML 3Page - NXP Semiconductors PDI1394P11A Datasheet HTML 4Page - NXP Semiconductors PDI1394P11A Datasheet HTML 5Page - NXP Semiconductors PDI1394P11A Datasheet HTML 6Page - NXP Semiconductors PDI1394P11A Datasheet HTML 7Page - NXP Semiconductors PDI1394P11A Datasheet HTML 8Page - NXP Semiconductors PDI1394P11A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Preliminary specification
PDI1394P11A
3-port physical layer interface
1999 Mar 10
4
6.0
BLOCK DIAGRAM
PORT 1
PORT 2
PORT 3
BIAS
VOLTAGE AND
CURRENT
GENERATOR
RECEIVED
DATA
DECODER/
TIMER
LINK
INTERFACE
ARBITRATION
AND CONTROL
STATE
MACHINE
LOGIC
CRYSTAL
OSCILLATOR
PLL SYSTEM
& TRANSMIT
CLOCK
GENERATOR
TRANSMIT
DATA
ENCODER
TESTM1
TESTM2
C/LKON
PC0
PC1
PC2
D0
D1
D2
D3
CTL0
CTL1
LREQ
SYSCLK
CNA
ISO–
LPS
CPS
RESET–
PD
R0
R1
TPBIAS1
TPBIAS2
TPBIAS3
TPA1+
TPA1–
TPB1+
TPB1–
TPA2+
TPA2–
TPB2+
TPB2–
TPA3+
TPA3–
TPB3+
TPB3–
XI
XO
FILTER
SV00228
7.0
FUNCTIONAL SPECIFICATION
The PDI1394P11A is an IEEE1394–1995 High Performance Serial
Bus Specification compliant physical layer interface device. It
provides an interface between an attached link layer controller and
three 1394 cable interface ports. In addition to the interface function,
the PDI1394P11A performs bus initialization and arbitration
functions as well as monitoring line conditions and connection
status.
7.1
Clocking
The PDI1394P11A utilizes a stable internal reference clock of
196.608 MHz. The reference clock is generated using an external
24.576 MHz crystal and an internal Phase Locked Loop (PLL). The
PLL clock is divided down to 49.152 MHz and 98.304 MHz clock
signals. The 49.152 MHz clock is used for internal logic and
provided as an output to clock a link layer controller. The 196.608
MHz and 98.304 MHz clocks are used for synchronization of the
transmitted strobe and data information.
7.2
Port Interfaces
The PDI1394P11A provides the transceiver functions needed to
implement a three port node in a cable-based 1394 network. Each
cable port incorporates two differential line transceivers. In addition
to transmission and reception of packet data, the line transceivers
monitor conditions on the cable to determine connection status, data
speed, and bus arbitration states.
The PDI1394P11A receives data to be transmitted over the bus from
two or four parallel data paths to the Link Controller, D[0:3]. These
data paths are latched and synchronized with the 49.152 MHz clock.
The parallel bit paths are combined serially, encoded and
transmitted at either 98.304 Mb/s or 196.608 Mb/s, depending
whether the transaction is a 100 Mb/s or 200 Mb/s transfer,
respectively. The transmitted data is encoded as data-strobe
information, with the data information being transmitted on the TPB
cable pairs and the strobe information transmitted on the TPA cable
pairs.
During packet reception the TPA and TPB transmitters of the
receiving cable port are disabled, and the receivers for that port are
enabled. The encoded data information is received on the TPA cable
pair and the strobe information is received on the TPB cable pair.
The combination of the data and strobe signals is decoded to
recover the receive clock signal and the serial data stream. The
serial data stream is converted to two or four parallel bit streams,
resynchronized to the internal 49.152 MHz clock and sent to the


Similar Part No. - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P11BD PHILIPS-PDI1394P11BD Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
More results

Similar Description - PDI1394P11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
STMicroelectronics
SBPH400-3 STMICROELECTRONICS-SBPH400-3 Datasheet
297Kb / 43P
   IEEE1394 3-Port 400Mbps Physical Layer
16 March 1998
logo
NXP Semiconductors
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
   1-port 400 Mbps physical layer interface
2002 Oct 11
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
PDI1394P23 PHILIPS-PDI1394P23 Datasheet
233Kb / 42P
   2-port/1-port 400 Mbps physical layer interface
2001 Sep 06
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
   Charger Interface Physical Layer IC
August 2016
logo
List of Unclassifed Man...
VT6304 ETC-VT6304 Datasheet
126Kb / 21P
   1394.A 4 PORT PHYSICAL LAYER CHIP
logo
Texas Instruments
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com