Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41570A9158Q000 Datasheet(PDF) 3 Page - EPCOS

Part # B41570A9158Q000
Description  Capacitors with Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41570A9158Q000 Datasheet(HTML) 3 Page - EPCOS

  B41570A9158Q000 Datasheet HTML 1Page - EPCOS B41570A9158Q000 Datasheet HTML 2Page - EPCOS B41570A9158Q000 Datasheet HTML 3Page - EPCOS B41570A9158Q000 Datasheet HTML 4Page - EPCOS B41570A9158Q000 Datasheet HTML 5Page - EPCOS B41570A9158Q000 Datasheet HTML 6Page - EPCOS B41570A9158Q000 Datasheet HTML 7Page - EPCOS B41570A9158Q000 Datasheet HTML 8Page - EPCOS B41570A9158Q000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
16 ... 100 V DC
1.15
VR
Rated capacitance CR
Capacitance tolerance
1500 ... 220000 µF
10/+30%
Q
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
d = 35.7 mm: approx. 10 nH
d = 51.6 mm: approx. 15 nH
d
≥ 64.3 mm: approx. 20 nH
Useful life
d
≤ 51.6 mm d ≥ 64.3 mm Requirements:
105
°C; V
R; IAC,R
> 10000 h
> 20000 h
∆C/C
≤ ±45% of initial value
85
°C; V
R; IAC,max
> 15000 h
> 25000 h
ESR
≤ 3 times initial specified limit
40
°C; V
R; 2.4
IAC,R
> 200000 h
Ileak
≤ initial specified limit
40
°C; V
R; 2.7
IAC,R
> 200000 h
Voltage endurance test
Post test requirements:
105
°C; V
R; IAC,R
5000 h
∆C/C
≤ ±15% of initial value
ESR
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 0.75 mm, frequency range 10 ... 55 Hz,
acceleration max. 10 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
IEC climatic category
To IEC 60068-1:
55/105/56 ( 55
°C/+105 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-804
IEC 60384-4
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Capacitor diameter
≤ 51.6 mm
> 51.6 mm
IAC,max
30 A
40 A
B41550, B41570
SIKOREL
105
°C
Page 3 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41570A9158Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41570A9158Q000 EPCOS-B41570A9158Q000 Datasheet
480Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41570A9158Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com