Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP31 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BSP31
Description  SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BSP31 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BSP31 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 – FEBRUARY 1996
COMPLEMENTARY TYPE –
BSP31 – BSP41
BSP33 – BSP43
PARTMARKING DETAIL –
Device type in full
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BSP31
BSP33
UNIT
Collector-Base Voltage
VCBO
-70
-90
V
Collector-Emitter Voltage
VCEO
-60
-80
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
PTOT
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
BSP31
Breakdown Voltage BSP33
V(BR)CBO
-70
-90
V
V
IC=-100µA
IC=-100µA
Collector-Emitter
BSP31
Breakdown Voltage BSP33
V(BR)CEO
-60
-80
VIC=-10mA
IC=-10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-10µA
Collector Cut-Off Current
ICBO
-100
-50
nA
µ
A
VCB=-60V
VCB=-60V, Tamb=125°C
Collector-Emitter Saturation
Voltage
VCE(sat)
-0.25
-0.5
V
V
IC =-150mA, IB=-15mA
IC =-500mA, IB=-50mA
Base-Emitter
Saturation Voltage
VBE(sat)
-1.0
-1.2
V
V
IC=-150mA, IB=-15mA
IC =-500mA, IB=-50mA
Static Forward Current
Transfer Ratio
hFE
30
100
50
300
IC =-100µA, VCE=-5V
IC =-100mA, VCE=-5V
IC =-500mA, VCE=-5V
Collector Capacitance
Cc
20
pF
VCB=-10V, f =1MHz
Emitter Capacitance
Ce
120
pF
VEB=-0.5V, f =1MHz
Transition Frequency
fT
100
MHz
IC=-50mA, VCE=-10V
f =35MHz
Turn-On Time
Ton
500
ns
VCC=-20V, IC=-100mA
IB1=-IB2=-5mA
Turn-Off Time
Toff
650
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
BSP31
BSP33
C
C
E
B
3 - 62


Similar Part No. - BSP31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP31 PHILIPS-BSP31 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 26
logo
STMicroelectronics
BSP31 STMICROELECTRONICS-BSP31 Datasheet
73Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
Diotec Semiconductor
BSP31 DIOTEC-BSP31 Datasheet
174Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Siemens Semiconductor G...
BSP315 SIEMENS-BSP315 Datasheet
174Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
More results

Similar Description - BSP31

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
FZT788B DIODES-FZT788B Datasheet
93Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT795A DIODES-FZT795A Datasheet
97Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT549 DIODES-FZT549 Datasheet
52Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT749 DIODES-FZT749 Datasheet
99Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT753 DIODES-FZT753 Datasheet
114Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com