Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B500C1000 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # B500C1000
Description  1.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B500C1000 Datasheet(HTML) 4 Page - Won-Top Electronics

  B500C1000 Datasheet HTML 1Page - Won-Top Electronics B500C1000 Datasheet HTML 2Page - Won-Top Electronics B500C1000 Datasheet HTML 3Page - Won-Top Electronics B500C1000 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B40C1000 – B500C1000
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
B40C1000
Round Bridge
1000 Units/Box
B80C1000
Round Bridge
1000 Units/Box
B125C1000
Round Bridge
1000 Units/Box
B250C1000
Round Bridge
1000 Units/Box
B380C1000
Round Bridge
1000 Units/Box
B500C1000
Round Bridge
1000 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, B40C1000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - B500C1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B500C1000 WTE-B500C1000 Datasheet
45Kb / 3P
   1.0A BRIDGE RECTIFIER
More results

Similar Description - B500C1000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
   1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
   1.0A Single-Phase Bridge Rectifier
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
   1.0A Single-Phase Bridge Rectifier
DBA10 SANYO-DBA10 Datasheet
36Kb / 2P
   1.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
   1.0A Single-Phase Bridge Rectifier
June, 2014
logo
Sanyo Semicon Device
DBF10 SANYO-DBF10_09 Datasheet
45Kb / 3P
   1.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
EN7030 ONSEMI-EN7030 Datasheet
647Kb / 2P
   1.0A Single-Phase Bridge Rectifier
June, 2014
logo
Won-Top Electronics
DF005 WTE-DF005_06 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
   1.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com