Part Name
         Description
M57962K

 Hybrid Integrated Circuit For Driving IGBT Modules ( 6 Page)


POWEREX
100% 
Zoom Out Zoom In
   
 3 page
background image
M57962K
Hybrid IC for IGBT Gate Driver
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272

/06
t
timer
t
trip 1, 2
0V
0V
-5V
10V
10V
0V
V
IN
V
OUT
8 Pin Output
V
IN
V
OUT
t
r
t
f
90%
50%
10%
t
PLH
t
PHL
AMBIENT TEMPERATURE, Ta, (°C)
PROPAGATION DELAY TIME
VS. AMBIENT TEMPERATURE
CHARACTERISTICS (TYPICAL)
1.6
0
20
40
60
1.2
1.4
1.0
0.6
0.8
0.2
0.4
0
VCC = 15V
VEE = -10V
RG = 3.1
VIN = 5V
tPHL
tPLH
80
INPUT SIGNAL VOLTAGE, VI, (VOLTS)
PROPAGATION DELAY TIME
VS. SIGNAL VOLTAGE
CHARACTERISTICS (TYPICAL)
1.6
3.5
4.0
4.5
5.0
5.5
1.2
1.4
1.0
0.6
0.8
0.2
0.4
0
VCC = 15V
VEE = -10V
RG = 3.1
Ta = 25°C
tPHL
tPLH
6.0
AMBIENT TEMPERATURE, Ta, (°C)
CONTROLLED TIME DETECT
VS. AMBIENT TEMPERATURE
CHARACTERISTICS (TYPICAL)
6
0
20
40
60
5
3
4
1
2
0
VCC = 15V
VEE = -10V
ttrip2 : Ctrip = 1000pF
ttrip1 : Ctrip = 0
80
CONNECTIVE CAPACITANCE, Ctrip, (pF)
PIN: 2
4
CONTROLLED TIME DETECT
VS. CONNECTIVE CAPACITANCE
CHARACTERISTICS (TYPICAL)
Switching Time Definitions
Short Circuit Protection
9
8
0
25
50
75
100
125
6
7
5
3
4
1
2
0
VCC = 15V
VEE = -10V
Ta = 25°C
150
AMBIENT TEMPERATURE, Ta, (°C)
POWER DISSIPATION
VS. AMBIENT TEMPERATURE
(MAXIMUM RATING)
0
20
40
60
5
3
4
1
2
0
80
SUPPLY VOLTAGE, VCC, (VOLTS)
APPLIED BETWEEN: 4
6
DISSIPATION CURRENT
VS. SUPPLY VOLTAGE
INPUT SIGNAL "L" (TYPICAL)
0
10
20
30
25
20
5
10
15
0
40
Ta = 25°C



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRAMX16UP60BIntegrated Power Hybrid IC for Appliance Motor Drive Applications. 16A 600V with Internal Shunt Resistor 1 2 3 4 5 MoreInternational Rectifier
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH
VLA503-01RDRIVER FOR IGBT MODULES 1 2 3 4 5 MoreIsahaya Electronics Corporation
TLP434ARF ASK Hybrid Modules for Radio Control 1 List of Unclassifed Manufacturers
VLA504-01RDRIVER FOR IGBT MODULES 1 2 3 4 5 MoreIsahaya Electronics Corporation
TOIM4232SIR Endec for IrDA Applications Integrated Interface Circuit 1 2 3 4 5 MoreVishay Siliconix
UTC9106LINEAR INTEGRATED CIRCUIT 1 2 3 List of Unclassifed Manufacturers
MC34160_06100 mA 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors 1 2 3 4 5 MoreON Semiconductor
UM66TXXLMELODY INTEGRATED CIRCUIT 1 2 3 4 Unisonic Technologies
KA22682LINEAR INTEGRATED CIRCUIT ONE CHIP TV MPX DEMODULATER 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl