Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37550J5103M062 Datasheet(PDF) 7 Page - EPCOS

Part # B37550J5103M062
Description  Multilayer Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37550J5103M062 Datasheet(HTML) 7 Page - EPCOS

Back Button B37550J5103M062 Datasheet HTML 2Page - EPCOS B37550J5103M062 Datasheet HTML 3Page - EPCOS B37550J5103M062 Datasheet HTML 4Page - EPCOS B37550J5103M062 Datasheet HTML 5Page - EPCOS B37550J5103M062 Datasheet HTML 6Page - EPCOS B37550J5103M062 Datasheet HTML 7Page - EPCOS B37550J5103M062 Datasheet HTML 8Page - EPCOS B37550J5103M062 Datasheet HTML 9Page - EPCOS B37550J5103M062 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Multilayer Ceramic Capacitors
76
10/02
X8R
Ordering codes and packing for X8R, 50 VDC, nickel-barrier terminations
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 1206, 50 VDC
1,0 nF
B37472K5102K0**
0,8
± 0,1
4000
16000
1,5 nF
B37472K5152K0**
0,8
± 0,1
4000
16000
2,2 nF
B37472K5222K0**
0,8
± 0,1
4000
16000
3,3 nF
B37472K5332K0**
0,8
± 0,1
4000
16000
4,7 nF
B37472K5472K0**
0,8
± 0,1
4000
16000
6,8 nF
B37472K5682K0**
0,8
± 0,1
4000
16000
10, nF
B37472K5103K0**
0,8
± 0,1
4000
16000
15, nF
B37472K5153K0**
0,8
± 0,1
4000
16000
22, nF
B37472K5223K0**
0,8
± 0,1
4000
16000
33, nF
B37472K5333K0**
0,8
± 0,1
4000
16000
47, nF
B37472K5473K0**
0,8
± 0,1
4000
16000
68, nF
B37472K5683K0**
1,2
± 0,1
30003)
120004)
100, nF
B37472K5104K0**
1,2
± 0,1
30003)
120004)
Blister tape,
Æ 180-mm reel
Blister tape,
Æ 330-mm reel
**
62
**
72
pcs/reel
pcs/reel
Case size 1210, 50 VDC
10, nF
B37550K5103K0**
0,8
± 0,1
4000
16000
15, nF
B37550K5153K0**
0,8
± 0,1
4000
16000
22, nF
B37550K5223K0**
0,8
± 0,1
4000
16000
33, nF
B37550K5333K0**
0,8
± 0,1
4000
16000
47, nF
B37550K5473K0**
0,8
± 0,1
4000
16000
68, nF
B37550K5683K0**
0,8
± 0,1
4000
16000
100, nF
B37550K5104K0**
0,8
± 0,1
4000
16000
150, nF
B37550K5154K0**
1,2
± 0,1
3000
12000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 72.
3) Blister tape, 180-mm reel, ordering code **
62
4) Blister tape, 330-mm reel, ordering code **
72
^
^
^
^
^
^
X8R; 1206 and 1210


Similar Part No. - B37550J5103M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37550J5103M062 EPCOS-B37550J5103M062 Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
More results

Similar Description - B37550J5103M062

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com