Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA01303 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # BA01303
Description  Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BA01303 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  BA01303 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BA01303 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BA01303 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MITSUBISHI SEMICONDUCTOR <InGaP Module>
BA01303
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
OPERATION MODES AND CONTROL SIGNALS
Mode
Vband
Vcont1
Vcont2
Vcont3
EGSM_Tx
Low
High
Low
Low
DCS_Tx, PCS_Tx
High
Low
High
Low
EGSM_Rx
Low
Low
Low
Low
DCS_Rx
Low
Low
Low
Low
PCS_Rx
Low
Low
Low
High
Apply
Low
0 - 0.8V
0 - 0.8V
0 - 0.8V
0 - 0.8V
voltage
High
2.1 - 2.6V
2.4 - 2.8V
2.4 - 2.8V
2.4 - 2.8V
PACKAGE OUTLINE
Jan./2004
(3/3)
Unit : mm
General tolerance : ±0.2
: Metal (AgPt)
: Overglass
Coplanarity : <100um
0.6
0.3
5.5
0.6
2.5
0.6
8.5
6.2
6.9
4.5
8.5 ±0.2


Similar Part No. - BA01303

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BA01202 MITSUBISHI-BA01202 Datasheet
49Kb / 1P
   GaAs HBT HYBRID IC(N-CDMA hand set)
BA01203 MITSUBISHI-BA01203 Datasheet
56Kb / 1P
   GaAs HBT HYBRID IC(CDMA/AMPS handheld-phone)
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
   GaAs HBT HYBRID IC
BA01232 MITSUBISHI-BA01232 Datasheet
19Kb / 1P
   The BA01232 is GaAs RF amplifier designed for W-CDMA hand-held phone
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
More results

Similar Description - BA01303

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Skyworks Solutions Inc.
CX77301 SKYWORKS-CX77301 Datasheet
522Kb / 14P
   PA Module Dual-band EGSM900 DCS1800 / GPRS
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
Analog Devices
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
   GSM/DCS1800/PCS1900 Baseband Processing Chipset
REV. 0
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
RF Micro Devices
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
   3.7V, SINGLE-BAND FRONT-END MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com