Part Name
         Description
B84110A

 Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A ( 7 Page)


EPCOS
100% 
Zoom Out Zoom In
   
 4 page
background image
2-line filters
B84110A
for general-purpose applications
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
Filters for 0.5 A
Filters for 1 A
SSB0189-D
SSB0190-G
80
B84110A0000A005
80
dB
dB
α
α
60
60
40
40
20
20
0
0
10 4
10 5
10 6
10 7
Hz 10 8
10 4
10 5
10 6
10 7
Hz 10 8
f
f
B84110A0000A010
Filters for 2 A
Filters for 4 A
SSB0191-P
SSB0192-X
80
dB
dB
80
α
α
B84110A0000A020
60
40
20
0
10 4
10 5
10 6
10 7
Hz 10 8
f
60
40
20
0
10 4
10 5
10 6
10 7
Hz 10 8
f
B84110A0000A040
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
4



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACF321825-223-T3-Terminal Filters for Signal Line and DC Power Line SMD 1 2 TDK Electronics
MD1803DFH_0609High voltage NPN Power transistor for standard Definition CRT display 1 2 3 4 5 MoreSTMicroelectronics
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
MD1803DFX_0609High voltage NPN Power transistor for standard Definition CRT display 1 2 3 4 5 MoreSTMicroelectronics
BCX17LT1General Purpose Transistors Voltage and Current are Negative for PNP Transistors 1 2 3 4 ON Semiconductor
SY88982L3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers 1 2 3 4 5 MoreMicrel Semiconductor
MD2009DFX_0610High voltage NPN Power transistor for standard Definition CRT display 1 2 3 4 5 MoreSTMicroelectronics
BUB323Z_05NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount 1 2 3 4 5 MoreON Semiconductor
CC1021Single Chip Low Power RF Transceiver for Narrowband Systems 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl