Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39941B9423K610 Datasheet(PDF) 4 Page - EPCOS

Part # B39941B9423K610
Description  Low-Loss Filter for Mobile Communication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39941B9423K610 Datasheet(HTML) 4 Page - EPCOS

  B39941B9423K610 Datasheet HTML 1Page - EPCOS B39941B9423K610 Datasheet HTML 2Page - EPCOS B39941B9423K610 Datasheet HTML 3Page - EPCOS B39941B9423K610 Datasheet HTML 4Page - EPCOS B39941B9423K610 Datasheet HTML 5Page - EPCOS B39941B9423K610 Datasheet HTML 6Page - EPCOS B39941B9423K610 Datasheet HTML 7Page - EPCOS B39941B9423K610 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
March 17, 2006
B9423
942.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter for Mobile Communication
Data sheet
Maximum ratings
Operable temperature range T
-30/+85
˚C
Storage temperature range
Tstg
-40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
100 1)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input Power at
GSM850, GSM900
PIN
15
dBm
effective power in the on-state
GSM1800, GSM1900
PIN
15
dBm
duty cycle 4:8
Tx bands


Similar Part No. - B39941B9423K610

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39941B9449M410 EPCOS-B39941B9449M410 Datasheet
87Kb / 8P
   SAW RX filter WCDMA band VIII
B39941B9461P810 EPCOS-B39941B9461P810 Datasheet
110Kb / 9P
   SAW RX filter WCDMA band VIII / GSM 900
More results

Similar Description - B39941B9423K610

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com