Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7822 Datasheet(PDF) 2 Page - EPCOS

Part # B7822
Description  Low-Loss Filter for Mobile Communication
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7822 Datasheet(HTML) 2 Page - EPCOS

  B7822 Datasheet HTML 1Page - EPCOS B7822 Datasheet HTML 2Page - EPCOS B7822 Datasheet HTML 3Page - EPCOS B7822 Datasheet HTML 4Page - EPCOS B7822 Datasheet HTML 5Page - EPCOS B7822 Datasheet HTML 6Page - EPCOS B7822 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Apr 29, 2003
SAW Components
B7822
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip sized SAW package
2
4
5
3
0,075
2,0
bottom view
side view
top view
0.735
0,38
Features
q
Low-loss RF filter for mobile telephone
PCN systems, receive path
q
High selectivity up to 6 GHz
q
Low amplitude ripple
q
Usable passband 75 MHz
q
Suitable for GPRS class 1 to 12
q
Package for Surface Mount Technology (SMT)
Terminals
q
Gold-plated Ni
Dimensions in mm, approx. weight 0,007 g
Pin configuration
1
Input, unbalanced
4
Output, unbalanced
2,5
Case ground
3
to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7822
B39182-B7822-C710
C61157-A7-A111
F61074-V8151-Z000
Maximum ratings
Operable temperature range
T
– 10 / + 80
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
ESD voltage
VESD
50
V
Input power at
GSM850, GSM900
GSM1800, GSM1900
Tx bands
PIN
PIN
15
12
dBm
dBm
peak power of GSM signal
duty cycle 4:8


Similar Part No. - B7822

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7820 ETC-B7820 Datasheet
82Kb / 12P
   Low-Loss Filter for Mobile Communication
B7821 ETC-B7821 Datasheet
62Kb / 8P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7823 EPCOS-B7823 Datasheet
62Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7824 EPCOS-B7824 Datasheet
109Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B7825 EPCOS-B7825 Datasheet
66Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
More results

Similar Description - B7822

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com