Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39941-B4127-U410 Datasheet(PDF) 7 Page - EPCOS

Part # B39941-B4127-U410
Description  Low-Loss Filter for Mobile Communication
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39941-B4127-U410 Datasheet(HTML) 7 Page - EPCOS

  B39941-B4127-U410 Datasheet HTML 1Page - EPCOS B39941-B4127-U410 Datasheet HTML 2Page - EPCOS B39941-B4127-U410 Datasheet HTML 3Page - EPCOS B39941-B4127-U410 Datasheet HTML 4Page - EPCOS B39941-B4127-U410 Datasheet HTML 5Page - EPCOS B39941-B4127-U410 Datasheet HTML 6Page - EPCOS B39941-B4127-U410 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Oct 11, 2005
SAW Components
B4127
942,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW COM WT PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2005. All Rights Reserved. Reproduction, publication and dissemination of this bro-
chure and the information contained therein without EPCOS’ prior express consent is prohibited.
The information contained in this brochure describes the type of component and shall not be con-
sidered as guaranteed characteristics. Purchase orders are subject to the General Conditions for
the Supply of Products and Services of the Electrical and Electronics Industry recommended by the
ZVEI (German Electrical and Electronic Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices


Similar Part No. - B39941-B4127-U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39941-B4121-U510 EPCOS-B39941-B4121-U510 Datasheet
73Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
B39941-B4124-U410 EPCOS-B39941-B4124-U410 Datasheet
100Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
More results

Similar Description - B39941-B4127-U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com