Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDI1394L21 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDI1394L21
Description  1394 full duplex AV link layer controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394L21 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDI1394L21 Datasheet HTML 4Page - NXP Semiconductors PDI1394L21 Datasheet HTML 5Page - NXP Semiconductors PDI1394L21 Datasheet HTML 6Page - NXP Semiconductors PDI1394L21 Datasheet HTML 7Page - NXP Semiconductors PDI1394L21 Datasheet HTML 8Page - NXP Semiconductors PDI1394L21 Datasheet HTML 9Page - NXP Semiconductors PDI1394L21 Datasheet HTML 10Page - NXP Semiconductors PDI1394L21 Datasheet HTML 11Page - NXP Semiconductors PDI1394L21 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Philips Semiconductors
Preliminary specification
PDI1394L21
1394 full duplex AV link layer controller
1999 Aug 06
8
9.5
Other Pins
PIN No.
PIN SYMBOL
I/O
NAME AND FUNCTION
65, 66, 67
RESERVED
NA
These pins are reserved for factory testing. For normal operation they should be connected to
ground.
51, 62, 100
N/C
NA
These pins should not be connected or terminated.
30
CYCLEIN
I
Provides the capability to supply an external cycle timer signal for the beginning of 1394 bus
cycles.
33
CYCLEOUT
O
Reproduces the 8kHz cycle clock of the cycle master.
11
CLK25
O
Auxiliary clock, value is SCLK/2 (usually 24.576 MHz)
10.0
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
3.0
3.6
V
VI
Input voltage
0
5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
8
mA
IOL
Low-level output current
–8
mA
dT/dV
Input transition rise or fall time
0
20
ns/V
Tamb
Operating ambient temperature range
0
+70
°C
SCLK
System clock
49.147
49.157
MHz
AVCLK
AV interface clock
0
24
MHz
tr
Input rise time
10
ns
tf
input fall time
10
ns
11.0
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
DC supply voltage
–0.5
+4.6
V
IIK
DC input diode current
–50
mA
VI
DC input voltage
–0.5
+5.5
V
IOK
DC output diode current
±50
mA
VO
DC output voltage
–0.5
VDD +0.5
V
IO
DC output source or sink current
±50
mA
IGND, ICC
DC VCC or GND current
±150
mA
Tstg
Storage temperature range
–60
150
°C
Tamb
Operating ambient temperature
0
70
°C
Ptot
Power dissipation per package
0.6
W
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.


Similar Part No. - PDI1394L21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
PDI1394L11BA PHILIPS-PDI1394L11BA Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L40BE PHILIPS-PDI1394L40BE Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L41 PHILIPS-PDI1394L41 Datasheet
303Kb / 81P
   1394 content protection AV link layer controller
2000 Apr 15
More results

Similar Description - PDI1394L21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L41 PHILIPS-PDI1394L41 Datasheet
303Kb / 81P
   1394 content protection AV link layer controller
2000 Apr 15
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com