Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH16S64APFC-7L Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH16S64APFC-7L
Description  1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16S64APFC-7L Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH16S64APFC-7L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16S64APFC-7L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
MH16S64APFC -7,-7L,-8,-8L
1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
16.Mar.2000
MIT-DS-0375-0.1
MITSUBISHI
ELECTRIC
Preliminary Spec.
Some contents are subject to change without notice.
DESCRIPTION
The MH16S64APFC is 16777216 - word by 64-bit
Synchronous DRAM module. This consists of eight
industry standard 8Mx16 Synchronous DRAMs in
TSOP and one industory standard EEPROM in
TSSOP.
The mounting of TSOP on a card edge Dual
Inline package provides any application where
high densities and large quantities of memory are
required.
This is a socket type - memory modules, suitable
for easy interchange or addition of modules.
FEATURES
Clock frequency 100MHz(max.)
single 3.3V±0.3V power supply
Fully synchronous operation referenced to clock rising
edge
Burst length- 1/2/4/8/Full Page(programmable)
4 bank operation controlled by BA0,1(Bank Address)
/CAS latency- 2/3(programmable)
APPLICATION
main memory or graphic memory in computer systems
Auto precharge / All bank precharge controlled by A10
Burst type- sequential / interleave(programmable)
Column access - random
LVTTL Interface
Auto refresh and Self refresh
4096 refresh cycle /64ms
1
Utilizes industry standard 8M x 16 Sy nchronous DRAMs
TSOP and industry standard EEPROM in TSSOP
144-pin (72-pin dual in-line package)
(Front)
(Back)
1
2
143
144
PCB Outline
Frequency
CLK Access Time
-8,-8L
100MHz
6.0ns(CL=2)
(Component SDRAM)
6.0ns(CL=3)
100MHz
-7,-7L
PC100 compliant


Similar Part No. - MH16S64APFC-7L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64APHB-6 MITSUBISHI-MH16S64APHB-6 Datasheet
688Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)Synchronous DRAM
MH16S64APHB-7 MITSUBISHI-MH16S64APHB-7 Datasheet
688Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)Synchronous DRAM
MH16S64APHB-8 MITSUBISHI-MH16S64APHB-8 Datasheet
688Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)Synchronous DRAM
More results

Similar Description - MH16S64APFC-7L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16S64APHB-6 MITSUBISHI-MH16S64APHB-6 Datasheet
688Kb / 55P
   1,073,741,824-BIT (16,777,216 - WORD BY 64-BIT)Synchronous DRAM
MH16S64BAMD-6 MITSUBISHI-MH16S64BAMD-6 Datasheet
579Kb / 40P
   1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH16S64PHB-6 MITSUBISHI-MH16S64PHB-6 Datasheet
572Kb / 40P
   1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH16D64AKQC-75 MITSUBISHI-MH16D64AKQC-75 Datasheet
329Kb / 37P
   1,073,741,824-BIT (16,777,216-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com