Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS107PT Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BS107PT
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BS107PT Datasheet(HTML) 2 Page - Zetex Semiconductors

  BS107PT Datasheet HTML 1Page - Zetex Semiconductors BS107PT Datasheet HTML 2Page - Zetex Semiconductors BS107PT Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – SEPT 93
FEATURES
*
200 Volt V
DS
*R
DS(on)=28Ω
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
200
V
Continuous Drain Current at Tamb=25°C
ID
0.12
A
Pulsed Drain Current
IDM
2A
Gate-Source Voltage
VGS
±20
V
Power Dissipation at Tamb =25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Drain-Source
Breakdown Voltage
BVDSS
200
230
V
ID=100µA, VGS=0V
Gate Body Leakage
IGSS
10
nA
VGS=15V, VDS=0V
Drain Cut-Off Current
IDSS
30
nA
VGS=0V, VDS=130V
Drain Cut-Off Current
IDSX
1
µA
VGS=0.2V, VDS=70V
Static Drain-Source
on-State Resistance
RDS(on)
15
28
30
VGS=2.6V, ID=20mA*
VGS=2.7V, ID=100mA*
* Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
BS107PT
3-24
D
G
S
E-Line
TO92 Compatible
TYPICAL CHARACTERISTICS
Output Characteristics
VDS - Drain Source Voltage (Volts)
0.8
0.6
0.4
0
0.2
1.0
Capacitance v drain-source voltage
02
4
6
8
10
0.5
0.4
0.3
0.1
0
0
20
40
60
80
100
Saturation Characteristics
Transfer characteristics
1.5
0
0.5
1.0
2.0
2
2.5
3.0
3.5
4.0
4.5
2.5
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
4V
10V
ID=
100mA
50mA
25mA
VGS-Gate Source Voltage (Volts)
1.2
VGS=
10V
4V
3V
6V
VGS=
6V
VDS - Drain Source Voltage (Volts)
0.2
Voltage Saturation Characteristics
0
10
20
0
2
4
6810
30
ID=
500mA
250mA
I00mA
0.3
0
0.1
0.2
0.4
02
4
6
8
10
0.5
0.6
VDS=10V
VDS=25V
30
0
10
20
40
50
60
010
20
30
40
50
VDS -Drain-Source Voltage (Volts)
Ciss
Coss
Crss
3V
VGS-Gate Source Voltage (Volts)
BS107PT
3-25


Similar Part No. - BS107PT

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS107P ZETEX-BS107P Datasheet
20Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
List of Unclassifed Man...
BS107P ETC2-BS107P Datasheet
31Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
logo
List of Unclassifed Man...
BS107PSTZ ETC2-BS107PSTZ Datasheet
31Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
BS107PSTZ DIODES-BS107PSTZ Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - BS107PT

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com