Electronic Components Datasheet Search |
|
PDI1394L11 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
PDI1394L11 Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 46 page Philips Semiconductors Product specification PDI1394L11 1394 AV link layer controller 2 1997 Oct 21 853-2038 18592 1.0 FEATURES • IEEE 1394–1995 Standard Link Layer Controller • Hardware Support for the IEC61883 International Standard of Digital Interface for Consumer Electronics • Interface to any IEEE 1394–1995 Physical Layer Interface • 5V Tolerant I/Os • Single 3.3V supply voltage 2.0 DESCRIPTION The PDI1394L11, Philips Semiconductors 1394 Audio/Video (AV) Link Layer Controller, is an IEEE 1394–1995 compliant link layer controller featuring an embedded AV layer interface. The AV layer is designed to pack and un-pack application data packets for transmission over an IEEE 1394 bus using isochronous data transfers. The application data is packetized according to the IEC 61883 International Standard of Digital Interface for Consumer Electronic Audio/Video Equipment. The AV layer interface is a byte-wide port capable of accommodating various MPEG–2 and DVC codecs. An 80C51 compatible byte-wide host interface is provided for internal register configuration as well as performing asynchronous data transfers. The PDI1394L11 is powered by a single 3.3V power supply and the inputs and outputs are 5V tolerant. It is available in the PQFP80 package. 3.0 QUICK REFERENCE DATA GND = 0V; Tamb = 25°C SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT VDD Functional supply voltage range 3.0 3.3 3.6 V IDD Supply current @ VDD=3.3V 20 mA SCLK Device clock 49.147 49.152 49.157 MHz 4.0 ORDERING INFORMATION PACKAGES TEMPERATURE RANGE OUTSIDE NORTH AMERICA NORTH AMERICA PKG. DWG. # 80-pin plastic PQFP80 0 °C to +70°C PDI1394L11 BA PDI1394L11 BA SOT318-2 5.0 PIN CONFIGURATION PDI1394L11 AV LINK LAYER CONTROLLER RESERVED PHY D3 RESERVED AV D7 RESERVED VDD CYCLEOUT AV D4 PHY D7 AV D0 AV D1 AV D3 AV D2 VDD GND AV D5 AV D6 VDD_ GND N/C VDD GND PHY D4 PHY D5 GND CYCLEIN RESET_N HIF INT _N HIF RD_N HIF WR_N HIF CS_N PHY D6 31 30 32 29 27 26 28 25 66 67 65 68 70 71 69 72 74 75 73 76 78 79 77 80 SV00270 39 38 40 37 35 34 36 33 |
Similar Part No. - PDI1394L11 |
|
Similar Description - PDI1394L11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |